Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTM Datasheet(PDF) 5 Page - Vishay Siliconix

Part # XTM
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTM Datasheet(HTML) 5 Page - Vishay Siliconix

  XTM Datasheet HTML 1Page - Vishay Siliconix XTM Datasheet HTML 2Page - Vishay Siliconix XTM Datasheet HTML 3Page - Vishay Siliconix XTM Datasheet HTML 4Page - Vishay Siliconix XTM Datasheet HTML 5Page - Vishay Siliconix XTM Datasheet HTML 6Page - Vishay Siliconix XTM Datasheet HTML 7Page - Vishay Siliconix XTM Datasheet HTML 8Page - Vishay Siliconix XTM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
5
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
XTH-L-V STYLES
STYLE A
STYLE B
STYLE C
STYLE D
STYLE E
STYLE F
STYLE G
STYLE H
STYLE J
STYLE K
STYLE L
STYLE M
H
0.3125 ± 0.0625
(+)
Top
Bottom
D
0.3125
± 0.0625
0.375
± 0.0625
(+)
0.4375
DIA.
0.250
NOM.
Bottom
Top
0.3125 ± 0.0625
(+)
Bottom
Top
0.4063
± 0.0625
0.183
± 0.010
Wire hole
0.094 ± 0.010
0.025
± 0.005
0.3125 ± 0.0625
(+)
Bottom
Top
Negative screw lug is for indexing and
negative connection only
0.500 ± 0.0625
0.047
8-32UNC-2A
thread
0.3125 ± 0.0625
(+)
Top
Bottom
0.5625 ± 0.0625
0.065 MAX.
1/4-20UNC-3A
thread
0.500
± 0.0625
DIA.
See Detail C in Mounting Methods table
for suggested mounting methods
(+)
Top
Bottom
0.385 MAX.
0.075 MAX.
8-32UNC-2A
thread
See Detail D in Mounting Methods table
for suggested mounting method
0.3125 ± 0.0625
0.500
DIA.
MAX.
(+)
Top
Bottom
0.500 ± 0.0625
0.047
Negative screw lug is for
index and negative
connection only
Wire hole
0.094 ± 0.010
0.3125 ± 0.0625
0.4063
± 0.0625
0.025
± 0.005
0.183
± 0.010
8-32UNC-2A
thread
0.3125
± 0.0625
(+)
0.5625 ± 0.0625
0.075 MAX.
1/4-20UNC-3A
thread
0.500
± 0.0625
DIA.
0.183
± 0.010
0.025
± 0.005
0.4063
± 0.0625
See Detail C in Mounting
Methods table for suggested
mounting methods
Wire hole
0.094 ± 0.010
Top
Bottom
0.3125
± 0.0625
(+)
0.385 MAX.
0.075 MAX.
0.183
± 0.010
0.025
± 0.005
0.4063
± 0.0625
See Detail D in Mounting
Methods table for suggested
mounting methods
8-32UNC-2A
thread
Wire hole
0.094 ± 0.010
0.500
DIA.
MAX.
Top
Bottom
Top
Bottom
0.500
± 0.010
0.375
+ 0.007
- 0.005
1/2-20UNF-2A THREAD
0.030 ± 0.020 XTH-XTL
0.060 ± 0.020 XTV
0.375
± 0.015
(+)
See Details B and E in Mounting Methods table
for suggested mounting methods
Top
Bottom
0.500
± 0.010
0.030 ± 0.020 XTH-XTL
0.060 ± 0.020 XTV
(+)
0.590
± 0.015
0.025
± 0.015
See Detail B and E in Mounting Methods table
for suggested mounting methods
1/2-20UNF-2A THREAD
0.375
± 0.015
0.375
+ 0.007
- 0.005
0.3125 ± 0.0625
(+)
0.060
MAX.
0.125 MAX.
* Extends 0.125 on 0.875 DIA. units only
Top
Bottom


Similar Part No. - XTM

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
XTM TRANSKO-XTM Datasheet
368Kb / 1P
   CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
   CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
logo
Texas Instruments
XTMUXHS4212RKSR TI1-XTMUXHS4212RKSR Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results

Similar Description - XTM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com