Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR129 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BCR129
Description  NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR129 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCR129 Datasheet HTML 1Page - Siemens Semiconductor Group BCR129 Datasheet HTML 2Page - Siemens Semiconductor Group BCR129 Datasheet HTML 3Page - Siemens Semiconductor Group BCR129 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Nov-26-1996
BCR 129
Preliminary data
NPN Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R1=4.7kΩ)
Type
Marking Ordering Code
Pin Configuration
Package
BCR 129
WVs
Q62702-
1 = B
2 = E
3 = C
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
5
Input on Voltage
Vi(on)
20
DC collector current
IC
100
mA
Total power dissipation,
TS = 102°C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 350
K/W
Junction - soldering point
RthJS
≤ 240
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BCR119W NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR148S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR129S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR148W NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR519 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR521 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR523 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133W NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn