Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XOVC-23B-127ME4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XOVC-23B-127ME4
Description  Full Size Voltage Controlled Crystal Oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XOVC-23B-127ME4 Datasheet(HTML) 1 Page - Vishay Siliconix

  XOVC-23B-127ME4 Datasheet HTML 1Page - Vishay Siliconix XOVC-23B-127ME4 Datasheet HTML 2Page - Vishay Siliconix XOVC-23B-127ME4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35009
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 08-Mar-11
31
Full Size Voltage Controlled Crystal Oscillators
XOVC-23
Vishay Dale
The XOVC-23 is a full size voltage controlled crystal
oscillator designed primarily for use in phase locked loops,
phase
shift
keying
and
other
telecommunication
applications such as ADSL and cable modem.
FEATURES
• Size: 14 pin half size
• Industry standard
• Wide frequency range
•Low cost
• Resistance weld package
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
Note
(1) Frequency over 40.000 MHz, please consult factory
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
VALUE
Frequency range (1)
FO
-
1 MHz to 40.000 MHz
Frequency calibration
at 25 °C
± 15 ppm
Temperature stability
over TOPR
± 15 ppm, ± 25 ppm, ± 50 ppm
Operating temperature range
TOPR
-
0 ºC to 70 ºC
- 40 ºC to + 85 ºC (option)
Storage temperature range
TSTG
-
- 55 ºC to + 125 ºC
Power supply voltage
VDD
-
5.0 V ± 5 %
Aging (first year)
25 ºC ± 3 ºC
± 5 ppm
Supply current
IDD
1.000 MHz to 23.999 MHz
15 mA max.
24.000 MHz to 40.000 MHz
25 mA max.
Output symmetry
Sym
at 1/2 VDD
40 %/60 % (45 %/55 % option)
Rise time
tr
20 % VDD to 80 % VDD
10 ns max.
Fall time
tf
80 % VDD to 20 % VDD
10 ns max.
Output voltage
VOH
-
90 % VDD min.
VOL
-
10 % VDD max.
Output load
-
15 pF max.
Start-up time
ts
-10 ms max.
Stability vs. power change
VDD ± 5 %
± 5 ppm
Stability vs. load change
15 pF ± 10 %
± 3 ppm
Pullability
over control voltage range
± 50 ppm, ± 100 ppm, ± 200 ppm
Control voltage range
-
0.5 V to 4.5 V
DIMENSIONS in inches [millimeters]
V
DD
0.01 µF
TEST CIRCUIT
Note
(1) Includes stray and probe capacitance
0.200
[5.08] max.
0.268
[6.80] max.
CONNECTION
V
control
GND
OUTPUT
V
DD
V
OH
V
OL
T
r
T
f
T1
T0 = 1/F
o
SYMMETRY =
x 100 %
T1
T0
OUTPUT WAVEFORM
0.031 ± 0.003
[0.8 ± 0.1]
0.018 ± 0.003
[0.45 ± 0.1]
#1
#4
#8
#5
0.508
[12.9] max.
0.300 ± 0.005
[7.62 ± 0.13]
0.6 ± 0.005
[15.24 ± 0.13]
0.803 [20.4] max.
MARKING
AREA
PIN
#1
#7
#8
#14
80 % V
DD
50 % V
DD
20 % V
DD
GND
#8
#7
#14
#1
TEST POINT
CL = 15 pF
(1)
V
control
A
V


Similar Part No. - XOVC-23B-127ME4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOVCCREH604M VISHAY-XOVCCREH604M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XOVCCREHNA4M VISHAY-XOVCCREHNA4M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XOVCCRFH604M VISHAY-XOVCCRFH604M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XOVCCRFHNA4M VISHAY-XOVCCRFHNA4M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XOVCCTEH604M VISHAY-XOVCCTEH604M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
More results

Similar Description - XOVC-23B-127ME4

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1240 ABRACON-ACVX1240 Datasheet
482Kb / 1P
   5Vdc SINE OUTPUT FULL-SIZE DIP VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
   TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-490 VECTRON-VC-490 Datasheet
93Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
CSX-750V ETC2-CSX-750V Datasheet
79Kb / 1P
   VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
logo
Mercury United Electron...
GDF63 MERCURY-GDF63 Datasheet
122Kb / 1P
   Voltage Controlled Crystal Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com