Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCP71M Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BCP71M
Description  NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BCP71M Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCP 71M
Semiconductor Group
Au -12-1998
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Unit
Values
typ.
min.
max.
DC Characteristics
V
V(BR)CEO
-
-
32
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
V(BR)CBO
Collector-base breakdown voltage
IC = 100 µA, IB = 0
-
-
32
5
-
-
V(BR)EBO
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
Collector cutoff current
VCB = 8 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 8 V, IE = 0 , TA = 150 °C
ICBO
-
-
20
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 10 mA, VCE = 5 V
IC = 500 mA, VCE = 1 V
IC = 2 A, VCE = 2 V
-
475
-
-
-
-
-
hFE
25
85
50
Collector-emitter saturation voltage1)
IC = 2 A, IB = 0.2 A
V
-
VCEsat
-
0.18
Base-emitter saturation voltage 1)
IC = 2 A, IB = 0.2 A
-
V
1.2
VBEsat
-
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 10 V, f = 100 MHz
fT
-
100
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
80
-
pF
1) Pulse test: t < 300
µs; D < 2%
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP70MPNP Silicon AF Power Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72PNP Silicon AF Power Transistor For AF driver and output stages High collector current High current gain 1 2 3 Siemens Semiconductor Group
BCX54BCX56NPN Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BDP947NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BDP948PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP51MBCP53MPNP Silicon AF Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BDP951NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP54BCP56NPN Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BDP952PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn