Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCP71M Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BCP71M
Description  NPN Silicon AF Power Transistor (Drain switch for RF power amplifier stages For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BCP71M Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP 71M
Semiconductor Group
Au -12-1998
1
NPN Silicon AF Power Transistor
Preliminary data
• Drain switch for RF power amplifier stages
• For AF driver and output stages
• High collector current
• Low collector-emitter saturation voltage
VPW05980
1
2
3
5
4
Type
Marking Ordering Code Pin Configuration
Package
BCP 71M
PCs
Q62702-C2597
1 = E
2 = C 3 = E
SCT-595
4 = B 5 = C
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
32
V
Collector-base voltage
VCBO
32
Emitter-base voltage
VEBO
5
DC collector current
IC
3
A
Peak collector current
ICM
6
Base current
200
mA
IB
Peak base current
IBM
500
Total power dissipation,
TS ≤ 94 °C
Ptot
1.7
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65...+150
Thermal Resistance
Junction ambient 1)
RthJA
≤ 88
K/W
Junction - soldering point
RthJS
≤ 33
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP70MPNP Silicon AF Power Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72PNP Silicon AF Power Transistor For AF driver and output stages High collector current High current gain 1 2 3 Siemens Semiconductor Group
BCX54BCX56NPN Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BDP947NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BDP948PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP51MBCP53MPNP Silicon AF Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BDP951NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP54BCP56NPN Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BDP952PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn