Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCP70M Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BCP70M
Description  PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP70M Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCP70M Datasheet HTML 1Page - Siemens Semiconductor Group BCP70M Datasheet HTML 2Page - Siemens Semiconductor Group BCP70M Datasheet HTML 3Page - Siemens Semiconductor Group BCP70M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BCP 70M
Semiconductor Group
Jun-05-1998
4
DC current gain
hFE = f (IC)
VCE = 2V
10
0
10
1
10
2
10
3
10
4
mA
IC
0
10
1
10
2
10
3
10
-
hFE
-55°C
25°C
100°C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 V
0.50
VCEsat
0
10
1
10
2
10
3
10
4
10
mA
IC
100°C
25°C
-50°C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10
0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
VBEsat
0
10
1
10
2
10
3
10
4
10
mA
IC
-50°C
25°C
100°C
Collector current
IC = f (VBE)
VCE = 2V
0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
VBE
0
10
1
10
2
10
3
10
4
10
mA
IC
-50°C
25°C
100°C
Semiconductor Group
4
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP72PNP Silicon AF Power Transistor For AF driver and output stages High collector current High current gain 1 2 3 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP51MBCP53MPNP Silicon AF Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BDP948PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BDP952PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP51-BCP53PNP Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn