Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500SSP2S1M2QEB Datasheet(PDF) 1 Page - E-SWITCH

Part # 500SSP2S1M2QEB
Description  SLIDE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

500SSP2S1M2QEB Datasheet(HTML) 1 Page - E-SWITCH

  500SSP2S1M2QEB Datasheet HTML 1Page - E-SWITCH 500SSP2S1M2QEB Datasheet HTML 2Page - E-SWITCH 500SSP2S1M2QEB Datasheet HTML 3Page - E-SWITCH 500SSP2S1M2QEB Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
178
SERIES 500 SWITCHES
Specifications subject to change without notice.
SERIES
SSP1
SSP2
SSP3
MODEL NO.
500
Example Ordering Number
500_ SSP2_ S4_ M1_ Q _E_ B
SLIDE SWITCHES
SPECIFICATIONS
Contact Rating:
Gold, 0.4 VA @ 20 VAC or DC
Silver, 5A @ 120 VAC, 2A @ 250 VAC
Life Expectancy:
50,000 make-and-break cycles at full load
Contact Resistance:
10 mΩ max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000 MΩ min.
Dielectric Strength:
1,000 V rms at sea level
Operating Temperature: -30°C to 85°C
MATERIALS
Case:
Diallyl phthalate (DAP), UL 94V0
Housing:
Stainless steel
Slide Handle:
Nylon UL 94HB
Contacts:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Single & double pole options
Multiple actuator height options
Panel & PC board mountable
APPLICATIONS/MARKETS
Computer servers/peripherals
Consumer electronics
Instrumentation
Test & measurement
CONTACT
MATERIAL
Q = Silver
R = Gold
M1
M2
M3
M5-1
M5-2
M5-3
M5-4
M6
M7
VS2
TERMINATION
SEAL
E
E = Epoxy
Sealed
S1
S2
S3
S4
ACTUATOR
MOUNTING
TAB
A = Without Tabs
B = With Tabs
Example Ordering Number
500_ SDP1_ S1_ M6_ R_E_ A
SDP1
SDP3
Q = Silver
R = Gold
M1
M2
M3
M5-1
M5-2
M5-3
M5-4
M6
M7
VS2
E = Epoxy
Sealed
S1
S2
S3
S4
S5
A = Without Tabs
B = With Tabs


Similar Part No. - 500SSP2S1M2QEB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500SSP2S1M2REA E-SWITCH-500SSP2S1M2REA Datasheet
858Kb / 5P
   SERIES 500 SWITCHES
More results

Similar Description - 500SSP2S1M2QEB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com