Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

500ASSP3M6QE Datasheet(PDF) 1 Page - E-SWITCH

Part No. 500ASSP3M6QE
Description  SLIDE SWITCHES - SUB-MINIATURE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-SWITCH [E-SWITCH]
Homepage  http://www.e-switch.com
Logo 

500ASSP3M6QE Datasheet(HTML) 1 Page - E-SWITCH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
182
SERIES 500 A SWITCHES
Specifications subject to change without notice.
SERIES
SSP1
SSP3
MODEL NO.
500A
SLIDE SWITCHES - SUB-MINIATURE
SPECIFICATIONS
Contact Rating:
3 A @ 120 VAC
1 A @ 250 VAC
Life Expectancy:
30,000 make-and-break cycles at full load
Contact Resistance:
10 mΩ max. typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
1,000MΩ min.
Dielectric Strength:
1,000 V rms at sea level
Operating Temperature: -30°C to 85°C
MATERIALS
Case:
Diallyl phthalate (DAP)
Housing:
Stainless steel
Slide Handle:
Nylon
Contact & Terminals:
Gold or Silver plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Panel, SMT & PC board mountable
Sub-miniature
APPLICATIONS/MARKETS
Computer servers/peripherals
Consumer electronics
Instrumentation
Test & measurement
CONTACT
MATERIAL
Q = Silver
R = Gold
M2
M6
SM6
TERMINATION
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
Example Ordering Number
500A_ SSP1_ M2_ R_E
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
SSP-1
ON
NONE
ON
SSP-3
ON
OFF
ON
Term. Comm.
2-1
OPEN
2-3
SPDT
SCHEMATIC


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn