Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

500ASSP1M6QE Datasheet(PDF) 2 Page - E-SWITCH

Part No. 500ASSP1M6QE
Description  SLIDE SWITCHES - SUB-MINIATURE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-SWITCH [E-SWITCH]
Homepage  http://www.e-switch.com
Logo 

500ASSP1M6QE Datasheet(HTML) 2 Page - E-SWITCH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-switch.com
info@e-switch.com
183
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
3 Amps with resistive load @ 120VAC or 28VDC
1 Amp with resistive load @ 250VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
M6
M2
PC PIN
P.C. MOUNTING OPTIONS
SM6
P.C. MOUNTING
SCHEMATIC
SMT
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING
SCHEMATIC


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn