Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500SSP1S2M1REA Datasheet(PDF) 4 Page - E-SWITCH

Part # 500SSP1S2M1REA
Description  SLIDE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

500SSP1S2M1REA Datasheet(HTML) 4 Page - E-SWITCH

  500SSP1S2M1REA Datasheet HTML 1Page - E-SWITCH 500SSP1S2M1REA Datasheet HTML 2Page - E-SWITCH 500SSP1S2M1REA Datasheet HTML 3Page - E-SWITCH 500SSP1S2M1REA Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-switch.com
info@e-switch.com
181
SPDT
SPDT
TRAVEL
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
5 Amps with resistive load @ 120VAC or 28VDC
2 Amps with resistive load @ 250VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate over nickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
MOUNTING TABS
PANEL MOUNTING
PANEL MOUNTING
WITHOUT MOUNTING TABS
A
WITH MOUNTING TABS
B
DPDT
TRAVEL
DPDT
SPDT
DPDT


Similar Part No. - 500SSP1S2M1REA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500SSP1S2M2QEA E-SWITCH-500SSP1S2M2QEA Datasheet
858Kb / 5P
   SERIES 500 SWITCHES
500SSP1S2M2REA E-SWITCH-500SSP1S2M2REA Datasheet
858Kb / 5P
   SERIES 500 SWITCHES
500SSP1S2M6QEA E-SWITCH-500SSP1S2M6QEA Datasheet
858Kb / 5P
   SERIES 500 SWITCHES
500SSP1S2M6QEB E-SWITCH-500SSP1S2M6QEB Datasheet
858Kb / 5P
   SERIES 500 SWITCHES
500SSP1S2M6REA E-SWITCH-500SSP1S2M6REA Datasheet
858Kb / 5P
   SERIES 500 SWITCHES
More results

Similar Description - 500SSP1S2M1REA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com