Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400AWMSP1R1BLKM6QE Datasheet(PDF) 4 Page - E-SWITCH

Part # 400AWMSP1R1BLKM6QE
Description  ROCKER SWITCHES - SUB-MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

400AWMSP1R1BLKM6QE Datasheet(HTML) 4 Page - E-SWITCH

  400AWMSP1R1BLKM6QE Datasheet HTML 1Page - E-SWITCH 400AWMSP1R1BLKM6QE Datasheet HTML 2Page - E-SWITCH 400AWMSP1R1BLKM6QE Datasheet HTML 3Page - E-SWITCH 400AWMSP1R1BLKM6QE Datasheet HTML 4Page - E-SWITCH 400AWMSP1R1BLKM6QE Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
160
M7
M7
M71
P.C. MOUNTING
P.C. MOUNTING
P.C. MOUNTING
SPDT
DPDT
DPDT
M71 Termination includes
crimped bracket
SERIES 400A SWITCHES
ROCKER SWITCHES - SUB-MINIATURE


Similar Part No. - 400AWMSP1R1BLKM6QE

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
400AA001M08 GLENAIR-400AA001M08 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M10 GLENAIR-400AA001M10 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M12 GLENAIR-400AA001M12 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M14 GLENAIR-400AA001M14 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M16 GLENAIR-400AA001M16 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
More results

Similar Description - 400AWMSP1R1BLKM6QE

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com