Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400AWMSP1R1REDM1QE Datasheet(PDF) 1 Page - E-SWITCH

Part # 400AWMSP1R1REDM1QE
Description  ROCKER SWITCHES - SUB-MINIATURE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

400AWMSP1R1REDM1QE Datasheet(HTML) 1 Page - E-SWITCH

  400AWMSP1R1REDM1QE Datasheet HTML 1Page - E-SWITCH 400AWMSP1R1REDM1QE Datasheet HTML 2Page - E-SWITCH 400AWMSP1R1REDM1QE Datasheet HTML 3Page - E-SWITCH 400AWMSP1R1REDM1QE Datasheet HTML 4Page - E-SWITCH 400AWMSP1R1REDM1QE Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.e-switch.com
info@e-switch.com
157
SERIES 400A SWITCHES
Specifications subject to change without notice.
Example Ordering Number
400A_ WMSP3_ R1_ BLK_ M1_ Q _E
ROCKER SWITCHES - SUB-MINIATURE
SPECIFICATIONS
Contact Rating:
See contact material options
Life Expectancy:
30,000 make-and-break cycles at full load
Contact Resistance:
10 m 1typ. initial @ 2-4 V DC, 100 mA for both
silver and gold plated contacts
Insulation Resistance:
1,000 M 1min
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
MATERIALS
Housing:
Glass filled nylon, flame retardant, heat stabilized
(UL 94-V0)
Actuator:
Nylon, black std. (UL94-HB)
Actuator Seal:
Internal O-Ring
Switch Support:
Brass or steel, tin plated
Actuator Pivot &
Mounting Bracket:
Nylon (UL94-HB)
Actuator Pivot Retainer: Stainless steel
Contacts / Terminals:
Silver or gold plated copper alloy
Terminal Seal:
Epoxy
HOW TO ORDER
FEATURES & BENEFITS
Variety of switching functions
Sub-miniature
Sealed to IP67
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Test equipment
Networking
Computer peripherals
CONTACT
MATERIAL
Q = Silver
R = Gold
SERIES
WMSP1
WMSP2
WMSP3
WMSP4
WMSP5
WMDP1
WMDP2
WMDP3
400 A
M1
M2
M6
M7
VS2
M61
M71
VS21
TERMINATION
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
R1 = Std.
ACTUATOR
MODEL NO.
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
WMSP-1
ON
NONE
ON
WMSP-2
ON
NONE
(ON)
WMSP-3
ON
OFF
ON
WMSP-4
(ON)
OFF
(ON)
WMSP-5
ON
OFF
(ON)
Term. Comm.
2-3
OPEN
2-1
SPDT
SCHEMATIC
BLK =Black
WHT=White
RED =Red
ACTUATOR
COLOR


Similar Part No. - 400AWMSP1R1REDM1QE

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
400AA001M08 GLENAIR-400AA001M08 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M10 GLENAIR-400AA001M10 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M12 GLENAIR-400AA001M12 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M14 GLENAIR-400AA001M14 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
400AA001M16 GLENAIR-400AA001M16 Datasheet
80Kb / 2P
   TAG Ring Backshell with Strain Relief
More results

Similar Description - 400AWMSP1R1REDM1QE

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
   Sub-Miniature Rocker Switches
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com