Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCP51MBCP53M Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BCP51MBCP53M
Description  PNP Silicon AF Transistor (For AF driver and output stages High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP51MBCP53M Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCP51MBCP53M Datasheet HTML 1Page - Siemens Semiconductor Group BCP51MBCP53M Datasheet HTML 2Page - Siemens Semiconductor Group BCP51MBCP53M Datasheet HTML 3Page - Siemens Semiconductor Group BCP51MBCP53M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCP 51M ... BCP 53M
1
Semiconductor Group
Au -11-1998
PNP Silicon AF Transistor
• For AF driver and output stages
• High collector current
• Low collector-emitter saturation voltage
• Complementary types: BCP 54M...BCP 56M(NPN)
VPW05980
1
2
3
5
4
Type
Marking Ordering Code Pin Configuration
Package
SCT-595
2 = C
5 = C
3 = E
1 = B
BCP 51M
BCP 52M
BCP 53M
AAs
AEs
AHs
Q62702-C2592
Q62702-C2593
Q62702-C2594
4 n.c.
Maximum Ratings
Parameter
Symbol
BCP 53M Unit
BCP 52M
BCP 51M
V
45
VCEO
60
80
Collector-emitter voltage
VCBO
45
100
Collector-base voltage
60
5
VEBO
5
Emitter-base voltage
5
mA
DC collector current
IC
1
Peak collector current
ICM
A
1.5
100
mA
Base current
IB
Peak base current
200
IBM
Ptot
1.7
W
Total power dissipation,
TS ≤ 77 °C
°C
150
Junction temperature
Tj
Storage temperature
Tstg
-65...+150
Thermal Resistance
RthJA
≤98
Junction ambient 1)
K/W
Junction - soldering point
RthJS
≤43
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm 2 Cu
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP70MPNP Silicon AF Power Transistor For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP72PNP Silicon AF Power Transistor For AF driver and output stages High collector current High current gain 1 2 3 Siemens Semiconductor Group
BCP72MPNP Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BCP51-BCP53PNP Silicon AF Transistors For AF driver and output stages High collector current 1 2 3 4 5 Siemens Semiconductor Group
BDP948PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BDP952PNP Silicon AF Power Transistor For AF drivers and output stages High collector current High current gain 1 2 3 4 Siemens Semiconductor Group
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn