Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC850CW Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BC850CW
Description  NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC850CW Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BC850CW Datasheet HTML 1Page - Siemens Semiconductor Group BC850CW Datasheet HTML 2Page - Siemens Semiconductor Group BC850CW Datasheet HTML 3Page - Siemens Semiconductor Group BC850CW Datasheet HTML 4Page - Siemens Semiconductor Group BC850CW Datasheet HTML 5Page - Siemens Semiconductor Group BC850CW Datasheet HTML 6Page - Siemens Semiconductor Group BC850CW Datasheet HTML 7Page - Siemens Semiconductor Group BC850CW Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BC 846W ... BC 850W
Semiconductor Group
4
Characteristics at TA = 25 ˚C, unless otherwise specified.
Curves see BC 846 ... BC 840
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
250
µV
Equivalent noise voltage
IC = 0.2 mA, VCE = 5 V, RS = 2 k
f = 10 Hz ... 50 Hz
BC 850 W
Vn
0.135
Unit
Ratings
Description
Symbol
min.
typ.
max.
AC Characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–2–
k
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 AW ... BC 849 AW
BC 846 BW ... BC 850 BW
BC 847 CW ... BC 850 CW
h11e
2.7
4.5
8.7
pF
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–10
10–4
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 AW ... BC 849 AW
BC 846 BW ... BC 850 BW
BC 847 CW ... BC 850 CW
h12e
1.5
2.0
3.0
-
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 AW ... BC 849 AW
BC 846 BW ... BC 850 BW
BC 847 CW ... BC 850 CW
h21e
200
330
600
µS
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BC 846 AW ... BC 849 AW
BC 846 BW ... BC 850 BW
BC 847 CW ... BC 850 CW
h22e
18
30
60
dB
Noise figure
IC = 0.2 mA, VCE = 5 V, RS = 2 k
BC 849 W
f = 30 Hz ... 15 kHz
BC 850 W
f = 1 kHz,
∆f = 200 Hz
BC 849 W
BC 850 W
F
1.4
1.4
1.2
1.0
4
3
4
4


Similar Part No. - BC850CW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850CW PHILIPS-BC850CW Datasheet
48Kb / 8P
   NPN general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC850CW INFINEON-BC850CW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC850CW DIOTEC-BC850CW Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Pan Jit International I...
BC850CW PANJIT-BC850CW Datasheet
117Kb / 6P
   NPN GENERAL PURPOSE TRANSISTORS
logo
NXP Semiconductors
BC850CW NXP-BC850CW Datasheet
129Kb / 7P
   NPN general purpose transistors
1999 Apr 12
More results

Similar Description - BC850CW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com