Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP49 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BCP49
Description  NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP49 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BCP49 Datasheet HTML 1Page - Siemens Semiconductor Group BCP49 Datasheet HTML 2Page - Siemens Semiconductor Group BCP49 Datasheet HTML 3Page - Siemens Semiconductor Group BCP49 Datasheet HTML 4Page - Siemens Semiconductor Group BCP49 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
BCP 29
BCP 49
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 1000
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 1000
DC current gain hFE = f (IC)
VCE = 10 V
Collector-base capacitance CCB0 = f (VCB0)
Emitter-base capacitance CEB0 = f (VEB0)


Similar Part No. - BCP49

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP49 INFINEON-BCP49 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP49 DIOTEC-BCP49 Datasheet
241Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCP49 INFINEON-BCP49 Datasheet
74Kb / 7P
   NPN Silicon Darlington Transistors
2007-04-27
BCP49 INFINEON-BCP49_07 Datasheet
74Kb / 7P
   NPN Silicon Darlington Transistors
2007-04-27
More results

Similar Description - BCP49

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCV29 SIEMENS-BCV29 Datasheet
141Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com