Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VO14642AT Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 81646
4
Rev. 1.5, 26-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
Vishay Semiconductors
1 Form A Solid State Relay
PIN CONFIGURATION
SWITCHING CHARACTERISTICS (AC/DC CONNECTION)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
IF = 10 mA, VL = 30 V, IL = 200 mA
ton
370
800
μs
Turn-off time
IF = 10 mA, VL = 30 V, IL = 200 mA
toff
50
800
μs
Turn-on time
IF = 10 mA, VL = 5 V, IL = 1 A
ton
550
μs
Turn-off time
IF = 10 mA, VL = 5 V, IL = 1 A
toff
18
μs
AC/DC configuration
6
5
4
3
2
1
Anode
Cathode
Do not use
Load
Load
DC only configuration
6
5
4
3
2
1
Anode
Cathode
Do not use
20545
20991-1
Input
Output
10 %
90 %
Output
VL
T
ON
T
OFF
1.25 ms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn