Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO14642AT Datasheet(HTML) 3 Page - Vishay Siliconix

  VO14642AT Datasheet HTML 1Page - Vishay Siliconix VO14642AT Datasheet HTML 2Page - Vishay Siliconix VO14642AT Datasheet HTML 3Page - Vishay Siliconix VO14642AT Datasheet HTML 4Page - Vishay Siliconix VO14642AT Datasheet HTML 5Page - Vishay Siliconix VO14642AT Datasheet HTML 6Page - Vishay Siliconix VO14642AT Datasheet HTML 7Page - Vishay Siliconix VO14642AT Datasheet HTML 8Page - Vishay Siliconix VO14642AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 81646
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.5, 26-Apr-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
1 Form A Solid State Relay
Vishay Semiconductors
Note
• The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the
temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of
PCB, layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay's thermal
characteristics of optocouplers application note.
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Maximum LED junction temperature
at 25 °C
Tjmax.
125
°C
Maximum output die junction temperature
at 25 °C
Tjmax.
125
°C
Thermal resistance, junction emitter to board
at 25 °C
EB
176
°C/W
Thermal resistance, junction emitter to case
at 25 °C
EC
208
°C/W
Thermal resistance, junction detector to board
at 25 °C
DB
67
°C/W
Thermal resistance, junction detector to case
at 25 °C
DC
134
°C/W
Thermal resistance, junction emitter to junction detector
at 25 °C
ED
310
°C/W
Thermal resistance, case to ambient
at 25 °C
CA
2180
°C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
LED forward current, switch turn-on
IL = 1 A, VL  0.5 V, t = 10 ms
IFon
0.5
2
mA
LED forward current, switch turn-off
VL = 60 V, IL < 1 μA
IFoff
50
μA
LED reverse current
VR = 5 V
IR
10
μA
LED forward voltage
IF = 10 mA
VF
11.3
1.5
V
OUTPUT
On-resistance (AC/DC)
IF = 10 mA, IL = 1 A
RON
0.18
0.25
On-resistance (DC only)
IF = 10 mA, IL = 2 A
RON
0.05
0.07
Off-state leakage current
IF = 0 mA, VL = 60 V
ILEAK
1μA
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn