Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VO14642AT Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 81646
2
Rev. 1.5, 26-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
Vishay Semiconductors
1 Form A Solid State Relay
Notes
(1) Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATING CURVE
Fig. 1 - Load Current (AC/DC) vs. Temperature
ABSOLUTE MAXIMUM RATINGS (1) (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
LED continous forward current
IF
50
mA
LED reverse voltage
VR
5V
LED power dissipation
at 25 °C
Pdiss
80
mW
OUTPUT
DC or peak AC load voltage
VL
60
V
Load current (DC only)
IL
2A
Peak load current (AC/DC)
t = 10 ms
ILPK
3.6
A
Output power dissipation
at 25 °C
Pdiss
250
mW
SSR
Total power dissipation
Pdiss
330
mW
Ambient temperature range
Tamb
- 55 to + 85
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature (2)
t
 10 s max.
Tsld
260
°C
Isolation test voltage
for 1 s
VISO
5300
VRMS
0
0.2
0.4
0.6
0.8
1.0
1.2
- 40
- 55
- 20
0
20
40
60
80 100
IF = 5 mA to 15 mA
Temperature (°C)
20990-1


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn