Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VO14642AT Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 81646
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.5, 26-Apr-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 Form A Solid State Relay
VO14642AT, VO14642AABTR
Vishay Semiconductors
DESCRIPTION
The VO14642AT are high speed SPST normally open
(1 form A) solid-state relay in a DIP-6 package. The relays
are constructed as a multi-chip hybrid device. Actuation
control is via an infrared LED. The output switch is a
combination of a photodiode array with MOSFET switches.
The relays can be configured for AC/DC or DC only
operation.
FEATURES
• High speed SSR - ton/toff < 800 μs
•Maximum RON 0.25 
• Isolation test voltage 5300 VRMS
• Load voltage 60 V
• Load current 2 A DC configuration
• DIP-6 package
• Clean bounce free switching
• TTL/CMOS compatible input
• Available on tape and reel
• Pure tin leads
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Instrumentation
• Industrial controls
• Security
Notes
• IEC 60747-5-2 (VDE 0884) capable, consult sales representative
for details
• Agency approvals are valid only for ambient temperature range
- 40 °C to 85 °C
6
S'
S
DC
1
5
2
4
3
SS'
20091
AGENCY APPROVALS
UL1577:
file no. E52744 system code H, double
protection
c
UL - UL1577: file no. E52744 system code H, double
protection
ORDERING INFORMATION
V
O
14
64
2
A
x
x
T
R
PART NUMBER
ELECTR.
VARIATION
PACKAGE
CONFIG.
TAPE AND
REEL
PACKAGE
UL, cUL
SMD-6, tape and reel
VO14642AABTR
DIP-6, Tubes
VO14642AT
> 0.1 mm
7.62 mm
DIP
SMD


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn