Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 8 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO14642AT Datasheet(HTML) 8 Page - Vishay Siliconix

  VO14642AT Datasheet HTML 1Page - Vishay Siliconix VO14642AT Datasheet HTML 2Page - Vishay Siliconix VO14642AT Datasheet HTML 3Page - Vishay Siliconix VO14642AT Datasheet HTML 4Page - Vishay Siliconix VO14642AT Datasheet HTML 5Page - Vishay Siliconix VO14642AT Datasheet HTML 6Page - Vishay Siliconix VO14642AT Datasheet HTML 7Page - Vishay Siliconix VO14642AT Datasheet HTML 8Page - Vishay Siliconix VO14642AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 81646
8
Rev. 1.5, 26-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
Vishay Semiconductors
1 Form A Solid State Relay
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING
Note
• Tape and reel suffix (TR) is not part of the package marking.
i178014_2
0.20
0.30
3.30
3.81
0.84 typ.
7.62 typ.
0.84 typ.
2.54 typ.
1 min.
0.46
0.51
1.22
1.32
6.3
6.5
8.5
8.7
pin one ID
6
5
4
1
2
3
18°
3° to 9°
7.62 to 8.81
4° typ.
ISO method A
8 min.
4.6
4.1
0.7
Option 7
3.30
3.81
7.62 typ.
8.4 min.
10.3 max.
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
VO14642
V YWW H 68


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn