Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VO14642AT Datasheet(HTML) 7 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 81646
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.5, 26-Apr-11
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
1 Form A Solid State Relay
Vishay Semiconductors
Fig. 10 - Turn-off Time vs. LED
Fig. 11 - Turn-on Time vs. Temperature
Fig. 12 - Turn-on Time vs. LED
Fig. 13 - Load Current vs. Load Voltage
Fig. 14 - Switch Capacitance vs. Applied Voltage
22367
1
16
31
46
61
76
510
15
20
LED (mA)
I
L = 1 A, PW = 2.5 ms
- 55 °C
25 °C
85 °C
22368
450
500
550
600
650
700
750
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
I
F = 10 mA, IL = 1 A, PW = 2.5 ms
22369
200
400
600
800
1000
1200
1400
1600
1800
510
15
20
LED (mA)
I
L = 1 A, PW = 2.5 ms
- 55 °C
25 °C
85 °C
22370
- 1200
- 800
- 400
0
400
800
1200
- 0.25
- 0.15
- 0.05
0.05
0.15
0.25
Load Voltage (V)
I
F = 10 mA
- 55 °C
- 10 °C
25 °C
85 °C
0
50
100
150
200
250
300
350
0
20
40
60
Applied Voltage (V)
20765


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn