Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO14642AT Datasheet(HTML) 6 Page - Vishay Siliconix

  VO14642AT Datasheet HTML 1Page - Vishay Siliconix VO14642AT Datasheet HTML 2Page - Vishay Siliconix VO14642AT Datasheet HTML 3Page - Vishay Siliconix VO14642AT Datasheet HTML 4Page - Vishay Siliconix VO14642AT Datasheet HTML 5Page - Vishay Siliconix VO14642AT Datasheet HTML 6Page - Vishay Siliconix VO14642AT Datasheet HTML 7Page - Vishay Siliconix VO14642AT Datasheet HTML 8Page - Vishay Siliconix VO14642AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 81646
6
Rev. 1.5, 26-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
Vishay Semiconductors
1 Form A Solid State Relay
Fig. 4 - Output Leakage Current vs. Temperature
Fig. 5 - LED Voltage vs. Temperature
Fig. 6 - Diode Breakdown Voltage vs. Temperatur
Fig. 7 - LED Current for Switch Turn-on vs. Temperature
Fig. 8 - On-resistance vs. Temperature
Fig. 9 - Turn-off Time vs. Temperature
22361
0
3000
6000
9000
12 000
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
V
Load = 60 V
22362
1.0
1.1
1.2
1.3
1.4
1.5
1.6
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
I
F = 30 mA
I
F = 50 mA
I
F = 10 mA
I
F = 5 mA
I
F = 1 mA
22363
16.5
17.0
17.5
18.0
18.5
19.0
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
I
L = 5 μA
22364
- 40
- 20
0
20
40
60
80
- 55
- 35
- 15
5
25
45
65
85
Temparature (°C)
I
L = 1 A
22365
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
I
F = 10 mA
I
L = 1 A
22366
5
9
13
17
21
25
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
I
F = 10 mA, IL = 1 A, PW = 2.5 ms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn