Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VO14642AT Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. VO14642AT
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO14642AT Datasheet(HTML) 5 Page - Vishay Siliconix

  VO14642AT Datasheet HTML 1Page - Vishay Siliconix VO14642AT Datasheet HTML 2Page - Vishay Siliconix VO14642AT Datasheet HTML 3Page - Vishay Siliconix VO14642AT Datasheet HTML 4Page - Vishay Siliconix VO14642AT Datasheet HTML 5Page - Vishay Siliconix VO14642AT Datasheet HTML 6Page - Vishay Siliconix VO14642AT Datasheet HTML 7Page - Vishay Siliconix VO14642AT Datasheet HTML 8Page - Vishay Siliconix VO14642AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 81646
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.5, 26-Apr-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VO14642AT, VO14642AABTR
1 Form A Solid State Relay
Vishay Semiconductors
Note
• This SSR is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the safety ratings shall be ensured by
means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 2 - LED Forward Voltage vs. Current
Fig. 3 - LED Leakage Current vs. Temperature
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
IEC 68 part 1
40/85/21
Pollution degree
DIN VDE 0109
2
Tracking resistance (comparative tracking index)
Insulation group IIIa
CTI
175
Highest allowable overvoltage
Transient overvoltage
VIOTM
8000
Vpeak
Maximum working insulation voltage
Recurring peak voltage
VIORM
890
Vpeak
Insulation resistance at 25 °C
VIO = 500 V
RIS
 1012
Insulation resistance at TS
VIO = 500 V
RIS
 109
Insulation resistance at 100 °C
VIO = 500 V
RIS
 1011
Partial discharge test voltage
Method b,
Vpd = VIORM x 1.875
Vpd
1669
Vpeak
Isolation test voltage
1 s
VISO
5300
VRMS
Safety limiting values -
maximum values allowed in the
event of a failure
Case temperature
TSI
165
°C
Input current
ISI
150
mA
Output power
PSO
400
mW
Minimum external air gap (clearance distance)
Measured from input
terminals to output
terminals, shortest
distance through air
 7mm
Minimum external tracking (creepage distance)
Measured from input
terminals to output
terminals, shortest
distance path along
body
 7mm
LED Forward Voltage (V)
22359
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
85 °C
25 °C
- 55 °C
22360
2
4
6
8
10
12
14
- 55
- 35
- 15
5
25
45
65
85
Temperature (°C)
V
R = 5 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn