Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC847PN Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BC847PN
Description  NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BC847PN Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC 847PN
Semiconductor Group
May-12-1998
1
NPN/PNP Silicon AF Transistor Array
• For AF input stages and driver applications
• High current gain
• Low collector-emitter saturation voltage
• Two (galvanic) internal isolated NPN/PNP
Transistors in one package
Tape loading orientation
PIN Configuration
1 = E
2 = B
NPN-Transistor
6 = C
PNP-Transistor
4 = E
5 = B
3 = C
Type
Marking
Package
Ordering Code
Q62702-C2374
SOT-363
BC 847PN
1Ps
Maximum Ratings
Parameter
Value
Symbol
Unit
V
Collector-emitter voltage
VCEO
45
Collector-base voltage
50
VCBO
Collector-emitter voltage
VCES
50
VEBO
Emitter-base voltage
5
mA
DC collector current
IC
100
200
Peak collector current
ICM
Total power dissipation,
TS = 115 °C
mW
Ptot
250
Tj
150
Junction temperature
°C
-65...+150
Storage temperature
Tstg
Thermal Resistance
Junction ambient 1)
RthJA
≤275
K/W
Junction - soldering point
RthJS
≤140
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 Cu


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856W-BC860WPNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC847SNPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846SNPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BCW60NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group
BCW61PNP Silicon AF Transistors For AF input stages and driver applications High current gain 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn