Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UH6PJ-M3-86A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UH6PJ-M3-86A
Description  High Current Density Surface Mount Ultrafast High Voltage Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH6PJ-M3-86A Datasheet(HTML) 2 Page - Vishay Siliconix

  UH6PJ-M3-86A Datasheet HTML 1Page - Vishay Siliconix UH6PJ-M3-86A Datasheet HTML 2Page - Vishay Siliconix UH6PJ-M3-86A Datasheet HTML 3Page - Vishay Siliconix UH6PJ-M3-86A Datasheet HTML 4Page - Vishay Siliconix UH6PJ-M3-86A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89069
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
UH6PJ
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Notes
(1) Units mounted on recommended PCB 1 oz. pad layout
(2) With heatsink
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 3.0 A
TA = 25 °C
VF (1)
1.6
-
V
IF = 6.0 A
1.9
3.0
IF = 3.0 A
TA = 125 °C
1.1
-
IF = 6.0 A
1.3
1.8
Reverse current
VR = 600 V
TA = 25 °C
IR (2)
-10
μA
TA = 125 °C
46
200
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
23
25
ns
IF = 1.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 0.1 IRM
33
45
Typical softness factor (tb/ta)
IF = 6 A, dI/dt = 200 A/μs,
VR = 400 V, TJ = 125 °C
S0.3
-
-
Typical reverse recovery current
IRM
6.5
-
A
Typical stored charge
Qrr
150
-
nC
Typical forward recovery time
IF = 6 A, dI/dt = 48 A/μs,
VF = 1.1 x VF max.
tfr
150
-
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
30
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH6PJ
UNIT
Typical thermal resistance
RJA (1)
90
°C/W
RJL (2)
5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UH6PJ-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
UH6PJ-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
UH6PJHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
UH6PJHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel


Similar Part No. - UH6PJ-M3-86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH6PJ-M3/86A VISHAY-UH6PJ-M3/86A Datasheet
109Kb / 5P
   High Current Density Surface Mount Ultrafast High Voltage Rectifier
Revision: 29-Jul-08
UH6PJ-M3/87A VISHAY-UH6PJ-M3/87A Datasheet
109Kb / 5P
   High Current Density Surface Mount Ultrafast High Voltage Rectifier
Revision: 29-Jul-08
More results

Similar Description - UH6PJ-M3-86A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH6PJ VISHAY-UH6PJ Datasheet
109Kb / 5P
   High Current Density Surface Mount Ultrafast High Voltage Rectifier
Revision: 29-Jul-08
logo
Bruckewell Technology L...
UFP560 BWTECH-UFP560 Datasheet
215Kb / 3P
   High Current Density Surface Mount Ultrafast High Voltage Rectifier
logo
Vishay Siliconix
UH6PJ VISHAY-UH6PJ_V01 Datasheet
89Kb / 5P
   High Current Density Surface Mount Ultrafast High Voltage Rectifier
02-Oct-12
UH6PD VISHAY-UH6PD Datasheet
93Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
UH6PD VISHAY-UH6PD_V01 Datasheet
93Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifier
02-Oct-12
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
SS10PH9 VISHAY-SS10PH9 Datasheet
90Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
24-Jul-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com