Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG06D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG06D
Description  Miniature Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG06D Datasheet(HTML) 3 Page - Vishay Siliconix

  UG06D Datasheet HTML 1Page - Vishay Siliconix UG06D Datasheet HTML 2Page - Vishay Siliconix UG06D Datasheet HTML 3Page - Vishay Siliconix UG06D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 88757
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Oct-09
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
UG06A thru UG06D
Vishay General Semiconductor
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Reverse Switching Charateristics
Fig. 6 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
T
J = 25 °C
T
J = 100 °C
Pulse Width = 300 μs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage (%)
T
J = 25 °C
T
J = 100 °C
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
Junction Temperature (°C)
I
F = 0.6 A
V
R = 30 V
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 20 A/μs
dI/dt = 50 A/μs
t
rr
Q
rr
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 20 A/μs
dI/dt = 50 A/μs
0.1
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.100 (2.54)
0.090 (2.29)
DIA.
0.025 (0.635)
0.023 (0.584)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.125 (3.18)
0.115 (2.92)
MPG06


Similar Part No. - UG06D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG06D GE-UG06D Datasheet
51Kb / 2P
   MINIATURE ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
UG06D TSC-UG06D Datasheet
67Kb / 2P
   0.6 AMP. Ultrafast Plastic Rectifiers
UG06D TSC-UG06D Datasheet
247Kb / 2P
   0.6 AMP. Glass Passivated Super Fast Rectifiers
logo
Vishay Siliconix
UG06D VISHAY-UG06D Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
logo
Taiwan Semiconductor Co...
UG06D TSC-UG06D Datasheet
602Kb / 2P
   0.6AMP. Glass Passivated Super Fast rectifiers
More results

Similar Description - UG06D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG2D-E3-54 VISHAY-UG2D-E3-54 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG4A VISHAY-UG4A_V01 Datasheet
81Kb / 4P
   Miniature Ultrafast Plastic Rectifier
01-Jan-2022
UG1A VISHAY-UG1A_V01 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG1A VISHAY-UG1A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG4A VISHAY-UG4A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG06D-E3-54 VISHAY-UG06D-E3-54 Datasheet
72Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG1D-E3-73 VISHAY-UG1D-E3-73 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 19-Nov-09
UG06A VISHAY-UG06A_V01 Datasheet
74Kb / 4P
   Miniature Ultrafast Plastic Rectifier
02-Oct-12
UG4A VISHAY-UG4A_09 Datasheet
70Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG06A VISHAY-UG06A Datasheet
95Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 20-Aug-07
UG2A VISHAY-UG2A_09 Datasheet
71Kb / 4P
   Miniature Ultrafast Plastic Rectifier
Revision: 23-Oct-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com