Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC636 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BC636
Description  PNP Silicon AF Transistors (High current gain High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC636 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BC636 Datasheet HTML 1Page - Siemens Semiconductor Group BC636 Datasheet HTML 2Page - Siemens Semiconductor Group BC636 Datasheet HTML 3Page - Siemens Semiconductor Group BC636 Datasheet HTML 4Page - Siemens Semiconductor Group BC636 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
BC 636
… BC 640
DC current gain hFE = f (IC)
VCE = 2 V
Transition frequency fT = f (IC)
Collector-emitter saturation voltage
VCEsat = f (IC)
hFE = 10


Similar Part No. - BC636

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
Foshan Blue Rocket Elec...
BC636 FOSHAN-BC636 Datasheet
849Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
ON Semiconductor
BC636 ONSEMI-BC636 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Jiangsu Changjiang Elec...
BC636 JIANGSU-BC636 Datasheet
721Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC636 PHILIPS-BC636 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

Similar Description - BC636

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
   PNP Silicon Darlington Transistors (High current gain High collector current)
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor (High current gain High collector current)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com