Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSMF1020 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSMF1020
Description  High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMF1020 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSMF1020 Datasheet HTML 1Page - Vishay Siliconix TSMF1020 Datasheet HTML 2Page - Vishay Siliconix TSMF1020 Datasheet HTML 3Page - Vishay Siliconix TSMF1020 Datasheet HTML 4Page - Vishay Siliconix TSMF1020 Datasheet HTML 5Page - Vishay Siliconix TSMF1020 Datasheet HTML 6Page - Vishay Siliconix TSMF1020 Datasheet HTML 7Page - Vishay Siliconix TSMF1020 Datasheet HTML 8Page - Vishay Siliconix TSMF1020 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSMF1000, TSMF1020, TSMF1030
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 30-Jun-11
4
Document Number: 81061
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PRECAUTIONS FOR USE
1. Over-current-proof
Customer must apply resistors for protection, otherwise
slight voltage shift will cause big current change (burn out
will happen).
2. Storage
• Storage temperature and rel. humidity conditions are:
5 °C to 35 °C, R.H. 60 %.
• Floor life must not exceed 168 h, acc. to JEDEC level 3,
J-STD-020.
Once the package is opened, the products should be
used within a week. Otherwise, they should be kept in a
damp proof box with desiccant.
Considering tape life, we suggest to use products within
one year from production date.
• If opened more than one week in an atmosphere 5 °C to
35 °C, R.H. 60 %, devices should be treated at 60 °C
± 5 °C for 15 h.
• If humidity indicator in the package shows pink color
(normal blue), then devices should be treated with the
same conditions as 2.3.
REFLOW SOLDER PROFILE
Fig. 10 - Lead Tin (SnPb) Reflow Solder Profile
Fig. 11 - Lead (Pb)-Free Reflow Solder Profile acc. J-STD-020
94 8248
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4
60
80
100
120
140
160
180
200
220
240
260
0
20 40 60 80 100 120 140 160 180 200 220
Time (s)
17172
+ 5 °C/s
5 s
60 s to 120 s
- 5 °C/s
22566
120 s max.
60 s max.
above 220 °C
260 °C max.
10 s max.
Pre-heating
180 °C to 200 °C
1 °C/s to 5 °C/s
1 °C/s to 5 °C/s


Similar Part No. - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
   High Speed IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSMF1020 VISHAY-TSMF1020 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 04-Sep-08
TSMF1020 VISHAY-TSMF1020 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSMF1020 VISHAY-TSMF1020 Datasheet
173Kb / 10P
   High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology
01-Jan-2023
More results

Similar Description - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5210 VISHAY-TSHF5210_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHF6410 VISHAY-TSHF6410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
VSMF3710 VISHAY-VSMF3710_08 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.6, 31-Jul-08
TSHF4410 VISHAY-TSHF4410 Datasheet
97Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 16-Sep-08
TSMF1000 VISHAY-TSMF1000_V01 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSSF4500 VISHAY-TSSF4500_08 Datasheet
91Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Sep-08
TSMF1030 VISHAY-TSMF1030 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.7, 04-Sep-08
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com