Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC617 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BC617
Description  NPN Silicon Darlington Transistors (High current gain High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC617 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BC617 Datasheet HTML 1Page - Siemens Semiconductor Group BC617 Datasheet HTML 2Page - Siemens Semiconductor Group BC617 Datasheet HTML 3Page - Siemens Semiconductor Group BC617 Datasheet HTML 4Page - Siemens Semiconductor Group BC617 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
BC 617
BC 618
Transition frequency fT = f (IC)
VCE = 5 V, f = 20 MHz
Base-emitter saturation voltage
VBEsat = f (IC)
hFE = 1000, parameter = TA
Permissible pulse load RthJA = f (
tp)
Collector-emitter saturation voltage
VCEsat = f (IC)
hFE = 1000, parameter = TA


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BCP29 NPN Silicon Darlington Transistors For general AF applications High collector current High current gain 1  2  3  4  5  Siemens Semiconductor Group
BC337 NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BDP951 NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1  2  3  4  Siemens Semiconductor Group
BC517 NPN Silicon Darlington Transistor High current gain High collector current 1  2  3  4  Siemens Semiconductor Group
BC635 NPN Silicon AF Transistors High current gain High collector current 1  2  3  4  5  Siemens Semiconductor Group
BCV27 NPN Silicon Darlington Transistors For general AF applications High collector current 1  2  3  4  Siemens Semiconductor Group
BC876 PNP Silicon Darlington Transistors High current gain High collector current 1  2  3  4  Siemens Semiconductor Group
BCV29 NPN Silicon Darlington Transistors For general AF applications High collector current 1  2  3  4  Siemens Semiconductor Group
BCP28 PNP Silicon Darlington Transistors For general AF applications High collector current High current gain 1  2  3  4  5  Siemens Semiconductor Group
BC875 NPN Silicon Darlington Transistors High current gain Low collector-emitter saturation voltage 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn