Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC617 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BC617
Description  NPN Silicon Darlington Transistors (High current gain High collector current)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC617 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BC617 Datasheet HTML 1Page - Siemens Semiconductor Group BC617 Datasheet HTML 2Page - Siemens Semiconductor Group BC617 Datasheet HTML 3Page - Siemens Semiconductor Group BC617 Datasheet HTML 4Page - Siemens Semiconductor Group BC617 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
BC 617
BC 618
NPN Silicon Darlington Transistors
BC 617
BC 618
5.91
Maximum Ratings
Type
Marking
Package1)
Pin Configuration
BC 617
BC 618
Q62702-C1137
Q62702-C1138
TO-92
1
2
3
Ordering Code
C
B
E
1)
For detailed information see chapter Package Outlines.
2)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.
Parameter
Symbol
BC 617
Unit
Collector-emitter voltage
VCE0
40
V
Collector-base voltage
VCB0
50
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
Total power dissipation, TC = 66 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient
Rth JA
200
K/W
Peak collector current
ICM
Junction - case2)
Rth JC
135
Peak base current
IBM
BC 618
55
80
12
500
100
625
150
800
200
Values
q
High current gain
q
High collector current
1
2
3


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BCP29 NPN Silicon Darlington Transistors For general AF applications High collector current High current gain 1  2  3  4  5  Siemens Semiconductor Group
BC337 NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BDP951 NPN Silicon AF Power Transistors For AF drivers and output stages High collector current High current gain 1  2  3  4  Siemens Semiconductor Group
BC517 NPN Silicon Darlington Transistor High current gain High collector current 1  2  3  4  Siemens Semiconductor Group
BC635 NPN Silicon AF Transistors High current gain High collector current 1  2  3  4  5  Siemens Semiconductor Group
BCV27 NPN Silicon Darlington Transistors For general AF applications High collector current 1  2  3  4  Siemens Semiconductor Group
BC876 PNP Silicon Darlington Transistors High current gain High collector current 1  2  3  4  Siemens Semiconductor Group
BCV29 NPN Silicon Darlington Transistors For general AF applications High collector current 1  2  3  4  Siemens Semiconductor Group
BCP28 PNP Silicon Darlington Transistors For general AF applications High collector current High current gain 1  2  3  4  5  Siemens Semiconductor Group
BC875 NPN Silicon Darlington Transistors High current gain Low collector-emitter saturation voltage 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn