Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC328 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BC328
Description  PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC328 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BC328 Datasheet HTML 1Page - Siemens Semiconductor Group BC328 Datasheet HTML 2Page - Siemens Semiconductor Group BC328 Datasheet HTML 3Page - Siemens Semiconductor Group BC328 Datasheet HTML 4Page - Siemens Semiconductor Group BC328 Datasheet HTML 5Page - Siemens Semiconductor Group BC328 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Semiconductor Group
6
BC 327
BC 328
Transition frequency fT = f (IC)
f = 20 MHz, TA = 25 ˚C
Base-emitter saturation voltage
VBEsat = f (IC)
hFE = 10
DC current gain hFE = f (IC)
VCE = 1 V
Collector-emitter saturation voltage
VCEsat = f (IC)
hFE = 10


Similar Part No. - BC328

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC328 MOTOROLA-BC328 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
SeCoS Halbleitertechnol...
BC328 SECOS-BC328 Datasheet
110Kb / 3P
   PNP General PurposeTransistor
logo
SHENZHEN KOO CHIN ELECT...
BC328 KOOCHIN-BC328 Datasheet
229Kb / 3P
   TRANSISTOR (PNP)
logo
Semtech Corporation
BC328 SEMTECH-BC328 Datasheet
424Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
SEMTECH ELECTRONICS LTD...
BC328 SEMTECH_ELEC-BC328 Datasheet
154Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - BC328

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com