Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC369 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BC369
Description  PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BC369 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
BC 369
Total power dissipation Ptot = f (TA; TC)
Permissible pulse load RthJA = f (
tp)
Collector cutoff current ICB0 = f (TA)
VCB = 25 V
DC current gain hFE = f (IC)
VCE = 1 V, TA = 25 ˚C


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC327PNP Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC337NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BSS80PNP Silicon Switching Transistors High DC current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856W-BC860WPNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BSP60BSP62PNP Silicon Darlington Transistors High collector current Low collector-emitter saturation voltage 1 2 3 4 5 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn