Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEMD1040 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TEMD1040
Description  Silicon PIN Photodiode, RoHS Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEMD1040 Datasheet(HTML) 3 Page - Vishay Siliconix

  TEMD1040 Datasheet HTML 1Page - Vishay Siliconix TEMD1040 Datasheet HTML 2Page - Vishay Siliconix TEMD1040 Datasheet HTML 3Page - Vishay Siliconix TEMD1040 Datasheet HTML 4Page - Vishay Siliconix TEMD1040 Datasheet HTML 5Page - Vishay Siliconix TEMD1040 Datasheet HTML 6Page - Vishay Siliconix TEMD1040 Datasheet HTML 7Page - Vishay Siliconix TEMD1040 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TEMD1000, TEMD1020, TEMD1030, TEMD1040
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 09-Aug-11
3
Document Number: 81564
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Relative Spectral Sensitivity vs. Wavelength
Fig. 6 - Relative Radiant Sensitivity vs. Angular Displacement
PRECAUTIONS FOR USE
1. Over-current-proof
Customer must apply resistors for protection, otherwise
slight voltage shift will cause big current change (burn out
will happen).
2. Storage
• Storage temperature and rel. humidity conditions are:
5
°C to 35 °C, R.H. 60 %.
• Floor life must not exceed 168 h, acc. to JEDEC level 3,
J-STD-020.
Once the package is opened, the products should be
used within a week. Otherwise, they should be kept in a
damp proof box with desiccant.
Considering tape life, we suggest to use products within
one year from production date.
• If opened more than one week in an atmosphere 5 °C to
35 °C, R.H. 60 %, devices should be treated at 60 °C
±
5 °C for 15 h.
• If humidity indicator in the package shows pink color
(normal blue), then devices should be treated with the
same conditions as 2.3.
REFLOW SOLDER PROFILE
Fig. 7 - Lead Tin (SnPb) Reflow Solder Profile
Fig. 8 - Lead (Pb)-Free Reflow Solder Profile acc. J-STD-020
94 8426
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750
850
950
1050
1150
λ - Wavelength (nm)
94 8248
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4
60
80
100
120
140
160
180
200
220
240
260
0
20 40 60 80 100 120 140 160 180 200 220
Time (s)
17172
+ 5 °C/s
5 s
60 s to 120 s
- 5 °C/s
22566
120 s max.
60 s max.
above 220 °C
260 °C max.
10 s max.
Pre-heating
180 °C to 200 °C
1 °C/s to 5 °C/s
1 °C/s to 5 °C/s


Similar Part No. - TEMD1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD1040 VISHAY-TEMD1040 Datasheet
238Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.1, 08-Sep-08
TEMD1040 VISHAY-TEMD1040 Datasheet
192Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2022
TEMD1040 VISHAY-TEMD1040 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
TEMD1040 VISHAY-TEMD1040_V02 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
More results

Similar Description - TEMD1040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23F VISHAY-BPV23F_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPV23NF VISHAY-BPV23NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW24R VISHAY-BPW24R_11 Datasheet
151Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 11-Aug-11
BPW83 VISHAY-BPW83_V01 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
BPW83 VISHAY-BPW83_V02 Datasheet
82Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPV22NF VISHAY-BPV22NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
TEMD1040 VISHAY-TEMD1040_V02 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
BPV22F VISHAY-BPV22F_08 Datasheet
123Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.5, 08-Sep-08
BPW82 VISHAY-BPW82_V02 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPW24R VISHAY-BPW24R_V01 Datasheet
173Kb / 6P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com