Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEMD1030 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TEMD1030
Description  Silicon PIN Photodiode, RoHS Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TEMD1030 Datasheet(HTML) 2 Page - Vishay Siliconix

  TEMD1030 Datasheet HTML 1Page - Vishay Siliconix TEMD1030 Datasheet HTML 2Page - Vishay Siliconix TEMD1030 Datasheet HTML 3Page - Vishay Siliconix TEMD1030 Datasheet HTML 4Page - Vishay Siliconix TEMD1030 Datasheet HTML 5Page - Vishay Siliconix TEMD1030 Datasheet HTML 6Page - Vishay Siliconix TEMD1030 Datasheet HTML 7Page - Vishay Siliconix TEMD1030 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TEMD1000, TEMD1020, TEMD1030, TEMD1040
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 09-Aug-11
2
Document Number: 81564
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Dark Current vs. Ambient Temperature
Fig. 2 - Relative Reverse Light Current vs. Ambient Temperature
Fig. 3 - Reverse Light Current vs. Irradiance
Fig. 4 - Diode Capacitance vs. Reverse Voltage
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 50 mA
VF
11.3
V
Breakdown voltage
IR = 100 μA, E = 0
V(BR)
60
V
Reverse dark current
VR = 10 V, E = 0
Iro
110
nA
Diode capacitance
VR = 5 V, f = 1 MHz, E = 0
CD
1.8
pF
Reverse light current
Ee = 1 mW/cm2,  = 870 nm,
VR = 5 V
Ira
6.0
10
13.0
μA
Ee = 1 mW/cm2,  = 950 nm,
VR = 5 V
Ira
12
μA
Temperature coefficient of Ira
VR = 5 V,  = 870 nm,
TKIra
0.2
%/K
Absolute spectral sensitivity
VR = 5 V,  = 870 nm
s(
)0.60
A/W
VR = 5 V,  = 950 nm
s(
)0.55
A/W
Angle of half sensitivity
± 15
deg
Wavelength of peak sensitivity
p
940
nm
Range of spectral bandwidth
0.5
790 to 1050
nm
Rise time
VR = 10 V, RL = 50 ,  = 820 nm
tr
4ns
Fall time
VR = 10 V, RL = 50 ,  = 820 nm
tf
4ns
20
1
10
100
1000
T
amb - Ambient Temperature (°C)
94 8427
V
R = 10 V
100
80
60
40
0.6
0.8
1.0
1.2
1.4
T
amb - Ambient Temperature (°C)
94 8416
V
R = 5 V
λ = 950 nm
0
100
80
60
40
20
0.1
1.0
10
100
0.01
E
e - Irradiance (mW/cm²)
16055
V
CE = 5 V
λ = 950 nm
10
1
0.1
0
2
4
6
8
0.1
V
R- Reverse Voltage (V)
94 8430
E = 0
f = 1 MHz
100
10
1


Similar Part No. - TEMD1030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TEMD1030 VISHAY-TEMD1030 Datasheet
238Kb / 8P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 2.1, 08-Sep-08
TEMD1030 VISHAY-TEMD1030 Datasheet
192Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2022
TEMD1030 VISHAY-TEMD1030 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
More results

Similar Description - TEMD1030

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23F VISHAY-BPV23F_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPV23NF VISHAY-BPV23NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
BPW24R VISHAY-BPW24R_11 Datasheet
151Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.6, 11-Aug-11
BPW83 VISHAY-BPW83_V01 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
BPW83 VISHAY-BPW83_V02 Datasheet
82Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPV22NF VISHAY-BPV22NF_08 Datasheet
127Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.7, 08-Sep-08
TEMD1040 VISHAY-TEMD1040_V02 Datasheet
193Kb / 8P
   Silicon PIN Photodiode, RoHS-Compliant
01-Jan-2023
BPV22F VISHAY-BPV22F_08 Datasheet
123Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
Rev. 1.5, 08-Sep-08
BPW82 VISHAY-BPW82_V02 Datasheet
81Kb / 5P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2023
BPW24R VISHAY-BPW24R_V01 Datasheet
173Kb / 6P
   Silicon PIN Photodiode, RoHS Compliant
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com