Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T110HF100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T110HF100
Description  Power Rectifier Diodes (T-Modules), 40 A to 110 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T110HF100 Datasheet(HTML) 3 Page - Vishay Siliconix

  T110HF100 Datasheet HTML 1Page - Vishay Siliconix T110HF100 Datasheet HTML 2Page - Vishay Siliconix T110HF100 Datasheet HTML 3Page - Vishay Siliconix T110HF100 Datasheet HTML 4Page - Vishay Siliconix T110HF100 Datasheet HTML 5Page - Vishay Siliconix T110HF100 Datasheet HTML 6Page - Vishay Siliconix T110HF100 Datasheet HTML 7Page - Vishay Siliconix T110HF100 Datasheet HTML 8Page - Vishay Siliconix T110HF100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 93587
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 20-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
T40HF..., T70HF..., T85HF..., T110HF... Series
Power Rectifier Diodes
(T-Modules), 40 A to 110 A
Vishay Semiconductors
Note
(1) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the spread of the
compound
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
T40HF T70HF T85HF T110HF UNITS
Maximum peak reverse
leakage current
IRRM
TJ = 150 °C
15
15
20
20
mA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals shorted
TJ = 25 °C, t = 1 s
3500
3500
3500
3500
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
T40HF T70HF T85HF T110HF
Maximum junction operating
and storage temperature range
TJ, TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
1.36
0.69
0.62
0.47
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface smooth, flat
and greased
0.2
Mounting torque,
± 10 %
to heatsink
Non-lubricated
threads
M3.5 mounting screws (1)
1.3 ± 10 %
Nm
terminals
M5 screw terminals
3 ± 10 %
Approximate weight
See dimensions - link at the end of datasheet
54
g
Case style
T-module (D-55)
ΔR CONDUCTION PER JUNCTION
DEVICES
SINUSOIDAL CONDUCTION AT TJ MAXIMUM
RECTANGULAR CONDUCTION AT TJ MAXIMUM
UNITS
180°
120°
90°
60°
30°
180°
120°
90°
60°
30°
T40HF...
0.12
0.14
0.18
0.27
0.46
0.09
0.15
0.20
0.28
0.46
K/W
T70HF...
0.09
0.11
0.14
0.20
0.35
0.07
0.11
0.15
0.21
0.35
T85HF...
0.08
0.09
0.12
0.18
0.31
0.06
0.10
0.13
0.19
0.31
T110HF...
0.05
0.07
0.09
0.14
0.23
0.05
0.08
0.10
0.15
0.24


Similar Part No. - T110HF100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T110HF100 VISHAY-T110HF100 Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
More results

Similar Description - T110HF100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
   Power Rectifiers Diodes (T-modules), 40 A to 110 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T20HF220 VISHAY-VS-T20HF220_V01 Datasheet
138Kb / 6P
   Power Rectifier Diodes (T-Modules), 2200 V, 20 A
01-Jan-2022
VS-T20HF220 VISHAY-VS-T20HF220 Datasheet
145Kb / 6P
   Power Rectifier Diodes (T-Modules), 2200 V, 20 A
Revision: 20-Dec-16
VST20HF220 VISHAY-VST20HF220 Datasheet
137Kb / 6P
   Power Rectifier Diodes (T-Modules), 2200 V, 20 A
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com