Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1670P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T1670P
Description  Silicon PIN Photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T1670P Datasheet(HTML) 2 Page - Vishay Siliconix

  T1670P Datasheet HTML 1Page - Vishay Siliconix T1670P Datasheet HTML 2Page - Vishay Siliconix T1670P Datasheet HTML 3Page - Vishay Siliconix T1670P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: optochipsupport@vishay.com
Document Number: 81999
2
Rev. 1.4, 23-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
T1670P
Vishay Semiconductors
Silicon PIN Photodiode
Notes
• The measurements are based on samples of die which are mounted on a TO-header without resin coating
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Diode Capacitance vs. Reverse Voltage
Fig. 2 - Relative Spectral Sensitivity vs. Wavelength
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
IR = 100 μA, E = 0
V(BR)
16
V
Reverse dark current
VR = 10 V, E = 0
Iro
0.1
2
nA
Diode capacitance
VR = 3 V, f = 1 MHz, E = 0
CD
28
pF
Reverse light current
EV = 100 lx, CIE illuminant A,
VR = 5 V
Ira
138
nA
Angle of half sensitivity
± 60
deg
Wavelength of peak sensitivity
p
560
nm
Range of spectral bandwidth
0.5
390 to 800
nm
Rise time
VR = 5 V, RL = 50 ,
 = 515 nm
tr
100
ns
Fall time
VR = 5 V, RL = 50 ,
 = 515 nm
tf
100
ns
20094
0
10
20
30
40
50
60
70
010
20
30
V
R - Reverse Voltage (V)
E
0 = 0
f = 1 MHz
21741
λ - Wavelength (nm)
0.0
0.2
0.4
0.6
0.8
1.0
400
500
600
700
800
900 1000 1100
MECHANICAL DIMENSIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Length of chip edge (x-direction)
Lx
0.72
mm
Length of chip edge (y-direction)
Ly
0.72
mm
Sensitive area
AS
0.27
mm2
Wafer diameter
D
100
mm
Die height
H
0.265
0.28
0.295
mm
Bond pad anode
x * y
0.125 x 0.11
mm2


Similar Part No. - T1670P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T1670P VISHAY-T1670P Datasheet
77Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 22-May-14
T1670P-SD-F VISHAY-T1670P-SD-F Datasheet
77Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 22-May-14
T1670P VISHAY-T1670P_14 Datasheet
77Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 22-May-14
More results

Similar Description - T1670P

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com