Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST110S16P1PBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ST110S16P1PBF
Description  Phase Control Thyristors (Stud Version), 110 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST110S16P1PBF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button ST110S16P1PBF Datasheet HTML 2Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 3Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 4Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 5Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 6Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 7Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 8Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 9Page - Vishay Siliconix ST110S16P1PBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document Number: 95078
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 23-Sep-08
1
TO-209AC (TO-94) for ST110S Series
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
Fast-on terminals
C.S. 0.4 mm
2
White shrink
Red shrink
Red cathode
Red silicon rubber
Ø 4.3 (0.17)
12.5 (0.49) MAX.
(0.0006 s.i.)
Glass metal seal
Ø 8.5 (0.33)
16.5 (0.65) MAX.
Ø 23.5 (0.93) MAX.
C.S. 16 mm
2
(0.025 s.i.)
Flexible lead
2.6 (0.10) MAX.
29.5 (1.16) MAX.
1/2"-20UNF-2A
SW 27
White gate
AMP. 280000-1
REF-250
20 (0.79) MIN.
29 (1.14)
MAX.
21 (0.83)
MAX.
157 (6.18)
170 (6.69)
70 (2.75)
MIN.
215 ± 10
(8.46 ± 0.39)


Similar Part No. - ST110S16P1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST110S16P1PVF VISHAY-ST110S16P1PVF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
More results

Similar Description - ST110S16P1PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110RKI40 VISHAY-110RKI40 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
VS-110RKIPBF VISHAY-VS-110RKIPBF_V01 Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-110RKIPB VISHAY-VS-110RKIPB Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
VS-110RKIPBF VISHAY-VS-110RKIPBF Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-ST110SPBF VISHAY-VS-ST110SPBF_V01 Datasheet
189Kb / 9P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com