Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP90P06-09L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUP90P06-09L
Description  P-Channel 60-V (D-S) 175 Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP90P06-09L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP90P06-09L Datasheet HTML 1Page - Vishay Siliconix SUP90P06-09L Datasheet HTML 2Page - Vishay Siliconix SUP90P06-09L Datasheet HTML 3Page - Vishay Siliconix SUP90P06-09L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay Siliconix
SPICE Device Model SUP90P06-09L
P-Channel 60-V (D-S) 175
° MOSFET
CHARACTERISTICS
• P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the p-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 10-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 73029
S-52635
Rev. B, 02-Jan-06


Similar Part No. - SUP90P06-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90P06-09L VISHAY-SUP90P06-09L Datasheet
55Kb / 5P
   P-Channel 60-V (D-S) 175C MOSFET
Rev. A, 21-Jun-04
SUP90P06-09L VISHAY-SUP90P06-09L Datasheet
107Kb / 7P
   P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
SUP90P06-09L-E3 VISHAY-SUP90P06-09L-E3 Datasheet
55Kb / 5P
   P-Channel 60-V (D-S) 175C MOSFET
Rev. A, 21-Jun-04
SUP90P06-09L VISHAY-SUP90P06-09L_15 Datasheet
100Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 08-Nov-10
SUP90P06-09L VISHAY-SUP90P06-09L_V01 Datasheet
107Kb / 7P
   P-Channel 60 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SUP90P06-09L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110P06-08L VISHAY-SUM110P06-08L_06 Datasheet
200Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 01-May-06
SI4948BEY VISHAY-SI4948BEY_05 Datasheet
209Kb / 4P
   Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 21-Nov-05
SUP40N25-60 VISHAY-SUP40N25-60_07 Datasheet
199Kb / 4P
   N-Channel 250-V (D-S) 175 Celsius MOSFET
Rev. B, 23-Jul-07
SUM110P06-07L VISHAY-SUM110P06-07L_15 Datasheet
174Kb / 9P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 08-Jun-15
SUM55P06-19L VISHAY-SUM55P06-19L_17 Datasheet
137Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. D, 24-Dec-12
SUD17N25-165 VISHAY-SUD17N25-165_11 Datasheet
71Kb / 4P
   N-Channel 250 V (D-S) 175 Celsius MOSFET
Rev. C, 14-Feb-11
SUP28N15-52 VISHAY-SUP28N15-52_07 Datasheet
201Kb / 4P
   N-Channel 150-V (D-S) 175 Celsius MOSFET
Rev. B, 30-Jul-07
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
SUP90P06-09L VISHAY-SUP90P06-09L_15 Datasheet
100Kb / 8P
   P-Channel 60 V (D-S) 175 MOSFET
Rev. B, 08-Nov-10
SQJ500EP VISHAY-SQJ500EP Datasheet
157Kb / 12P
   Automotive N- and P-Channel 40 V (D-S) 175 Celsius MOSFET
Rev. A, 29-Aug-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com