Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1000C12K1L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST1000C12K1L
Description  Phase Control Thyristors (Hockey PUK Version), 1473 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C12K1L Datasheet(HTML) 3 Page - Vishay Siliconix

  ST1000C12K1L Datasheet HTML 1Page - Vishay Siliconix ST1000C12K1L Datasheet HTML 2Page - Vishay Siliconix ST1000C12K1L Datasheet HTML 3Page - Vishay Siliconix ST1000C12K1L Datasheet HTML 4Page - Vishay Siliconix ST1000C12K1L Datasheet HTML 5Page - Vishay Siliconix ST1000C12K1L Datasheet HTML 6Page - Vishay Siliconix ST1000C12K1L Datasheet HTML 7Page - Vishay Siliconix ST1000C12K1L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93714
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 02-Feb-11
3
ST1000C..K Series
Phase Control Thyristors
(Hockey PUK Version), 1473 A
Vishay Semiconductors
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp  5 ms
16
W
Maximum peak average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
3
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp  5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
12 V anode to cathode applied
200
-
mA
TJ = 25 °C
100
200
TJ = 125 °C
50
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
1.4
-
V
TJ = 25 °C
1.1
3.0
TJ = 125 °C
0.9
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to heatsink
RthJ-hs
DC operation single side cooled
0.042
K/W
DC operation double side cooled
0.021
Maximum thermal resistance,
case to heatsink
RthC-hs
DC operation single side cooled
0.006
DC operation double side cooled
0.003
Mounting force, ± 10 %
24 500
(2500)
N
(kg)
Approximate weight
425
g
Case style
See dimensions - link at the end of datasheet
A-24 (K-PUK)
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.003
0.003
0.002
0.002
TJ = TJ maximum
K/W
120°
0.004
0.004
0.004
0.004
90°
0.005
0.005
0.005
0.005
60°
0.007
0.007
0.007
0.007
30°
0.012
0.012
0.012
0.012


Similar Part No. - ST1000C12K1L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1000C12K1L IRF-ST1000C12K1L Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C12K1L VISHAY-ST1000C12K1L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
More results

Similar Description - ST1000C12K1L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST1000CK VISHAY-VS-ST1000CK Datasheet
199Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 16-Dec-13
VS-ST1000C..K VISHAY-VS-ST1000C..K Datasheet
177Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
VS-ST1000CK VISHAY-VS-ST1000CK_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com