Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1000C22K0L Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ST1000C22K0L
Description  Phase Control Thyristors (Hockey PUK Version), 1473 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1000C22K0L Datasheet(HTML) 8 Page - Vishay Siliconix

  ST1000C22K0L Datasheet HTML 1Page - Vishay Siliconix ST1000C22K0L Datasheet HTML 2Page - Vishay Siliconix ST1000C22K0L Datasheet HTML 3Page - Vishay Siliconix ST1000C22K0L Datasheet HTML 4Page - Vishay Siliconix ST1000C22K0L Datasheet HTML 5Page - Vishay Siliconix ST1000C22K0L Datasheet HTML 6Page - Vishay Siliconix ST1000C22K0L Datasheet HTML 7Page - Vishay Siliconix ST1000C22K0L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Document Number: 91000
www.vishay.com
Revision: 11-Mar-11
1
Disclaimer
Legal Disclaimer Notice
Vishay
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - ST1000C22K0L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1000C22K0L IRF-ST1000C22K0L Datasheet
102Kb / 7P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST1000C22K0L VISHAY-ST1000C22K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
More results

Similar Description - ST1000C22K0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST1000CK VISHAY-VS-ST1000CK Datasheet
199Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 16-Dec-13
VS-ST1000C..K VISHAY-VS-ST1000C..K Datasheet
177Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
ST1000C12K0L VISHAY-ST1000C12K0L Datasheet
121Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
Revision: 11-Aug-08
VS-ST1000CK VISHAY-VS-ST1000CK_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1473 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com