Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N06-07L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD50N06-07L
Description  N-Channel 60-V (D-S) 175Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N06-07L Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50N06-07L Datasheet HTML 1Page - Vishay Siliconix SUD50N06-07L Datasheet HTML 2Page - Vishay Siliconix SUD50N06-07L Datasheet HTML 3Page - Vishay Siliconix SUD50N06-07L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Vishay Siliconix
SPICE Device Model SUD50N06-07L
www.vishay.com
Document Number: 72970
S-60542
Rev. B, 10-Apr-06
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.8
V
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
816
A
VGS = 10 V, ID = 20 A
0.0059
0.0061
VGS = 10 V, ID = 20 A, TJ = 125°C
0.0089
VGS = 10 V, ID = 20 A, TJ = 175°C
0.0105
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 20 A
0.0067
0.0071
Forward Voltage
a
VSD
IF = 30 A, VGS = 0 V
0.90
0.90
V
Dynamic
b
Input Capacitance
Ciss
5755
5800
Output Capacitance
Coss
507
450
Reverse Transfer Capacitance
Crss
VGS = 0 V, VDS = 25 V, f = 1 MHz
274
300
pF
Total Gate Charge
c
Qg
95
96
Gate-Source Charge
c
Qgs
19
19
Gate-Drain Charge
c
Qgd
VDS = 30 V, VGS = 10 V, ID = 50 A
20
20
nC
Turn-On Delay Time
c
td(on)
16
15
Rise Time
c
tr
9
13
Turn-Off Delay Time
c
td(off)
45
62
Fall Time
c
tf
VDD = 30 V, RL = 0.60 Ω
ID ≅ 50 A, VGEN = 10 V, RG = 2.5 Ω
12
14
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.


Similar Part No. - SUD50N06-07L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N06-07L VISHAY-SUD50N06-07L Datasheet
55Kb / 4P
   N-Channel 60-V (D-S), 175 C MOSFET
Rev. A, 07-Jun-04
SUD50N06-07L-E3 VISHAY-SUD50N06-07L-E3 Datasheet
55Kb / 4P
   N-Channel 60-V (D-S), 175 C MOSFET
Rev. A, 07-Jun-04
logo
VBsemi Electronics Co.,...
SUD50N06-07L-E3 VBSEMI-SUD50N06-07L-E3 Datasheet
888Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SUD50N06-07L-RC VISHAY-SUD50N06-07L-RC Datasheet
99Kb / 3P
   R-C Thermal Model Parameters
Revision: 10-Sep-07
More results

Similar Description - SUD50N06-07L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N06-09L VISHAY-SUD50N06-09L_11 Datasheet
199Kb / 4P
   N-Channel 60-V (D-S) 175Celsius MOSFET, Logic Level
Rev. B, 01-May-06
SUD06N10-225L VISHAY-SUD06N10-225L_06 Datasheet
200Kb / 4P
   N-Channel 100-V (D-S) 175Celsius MOSFET
Rev. B, 20-Mar-06
SUD25N15-52 VISHAY-SUD25N15-52_06 Datasheet
194Kb / 4P
   N-Channel 150-V (D-S) 175Celsius MOSFET
Rev. B, 20-Mar-06
SUM85N03-06P VISHAY-SUM85N03-06P_07 Datasheet
202Kb / 4P
   N-Channel 30-V (D-S) 175Celsius MOSFET
Rev. B, 30-Jul-07
SUD15N15-95 VISHAY-SUD15N15-95_06 Datasheet
197Kb / 4P
   N-Channel 150-V (D-S) 175Celsius MOSFET
Rev. B, 20-Mar-06
SUD40N08-16 VISHAY-SUD40N08-16_06 Datasheet
194Kb / 4P
   N-Channel 80-V (D-S) 175Celsius MOSFET
Rev. B, 10-Apr-06
SUM23N15-73 VISHAY-SUM23N15-73_06 Datasheet
192Kb / 4P
   N-Channel 150-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
SUM27N20-78 VISHAY-SUM27N20-78_06 Datasheet
201Kb / 4P
   N-Channel 200-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
SUM40N02-12P VISHAY-SUM40N02-12P_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S), 175Celsius MOSFET
Rev. B, 01-May-06
SUD50N02-09P VISHAY-SUD50N02-09P_06 Datasheet
197Kb / 4P
   N-Channel 20-V (D-S), 175Celsius MOSFET
Rev. B, 10-Apr-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com