Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N04-8M8P-4GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUD50N04-8M8P-4GE3
Description  N-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N04-8M8P-4GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUD50N04-8M8P-4GE3 Datasheet HTML 1Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 2Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 3Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 4Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 5Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 6Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 7Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 8Page - Vishay Siliconix SUD50N04-8M8P-4GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 68647
S10-0109-Rev. B, 18-Jan-10
Vishay Siliconix
SUD50N04-8m8P
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse, Junction-to-Ambient
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
ID =20A
VGS =10 V
VGS =4.5 V
0.005
0.010
0.015
0.020
0.025
0.030
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =7.2 A
0
100
200
300
400
500
0.0001
0.001
0.01
0.1
1
10
Time (s)
TA = 25 °C
Source-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Case
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD -Source-to-Drain Voltage (V)
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
TJ = - 55 °C
- 1.0
- 0.6
- 0.2
0.2
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
ID =1mA
0.01
0.1
1
10
100
1000
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
10 ms,
100 ms, DC
1ms
TC = 25 °C
Single Pulse
100 µs
BVDSS
Limited byRDS(on)*
10 µs


Similar Part No. - SUD50N04-8M8P-4GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-8M8P-4GE3 VISHAY-SUD50N04-8M8P-4GE3 Datasheet
143Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 05-May-08
More results

Similar Description - SUD50N04-8M8P-4GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com