Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD40N08-16 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SUD40N08-16
Description  N-Channel 80-V (D-S) 175Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD40N08-16 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD40N08-16_06 Datasheet HTML 1Page - Vishay Siliconix SUD40N08-16_06 Datasheet HTML 2Page - Vishay Siliconix SUD40N08-16_06 Datasheet HTML 3Page - Vishay Siliconix SUD40N08-16_06 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Vishay Siliconix
SPICE Device Model SUD40N08-16
Document Number: 71713
S-60542
Rev. B, 10-Apr-06
N-Channel 80-V (D-S) 175°C MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0-V to 10-V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn