Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD23N06-31 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SUD23N06-31
Description  N-Channel 60 V (D-S), MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD23N06-31 Datasheet(HTML) 7 Page - Vishay Siliconix

  SUD23N06-31 Datasheet HTML 1Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 2Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 3Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 4Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 5Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 6Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 7Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 8Page - Vishay Siliconix SUD23N06-31 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 71197
www.vishay.com
18-Apr-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Package Information
Vishay Siliconix
TO-252AA CASE OUTLINE
Note
• Dimension L3 is for reference only.
b
b1
e1
E1
A1
C
A2
e
b2
E
C1
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.21
2.38
0.087
0.094
A1
0.89
1.14
0.035
0.045
A2
0.030
0.127
0.001
0.005
b
0.71
0.88
0.028
0.035
b1
0.76
1.14
0.030
0.045
b2
5.23
5.44
0.206
0.214
C
0.46
0.58
0.018
0.023
C1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
D1
4.10
4.45
0.161
0.175
E
6.48
6.73
0.255
0.265
E1
4.49
5.50
0.177
0.217
e
2.28 BSC
0.090 BSC
e1
4.57 BSC
0.180 BSC
H
9.65
10.41
0.380
0.410
L
1.40
1.78
0.055
0.070
L1
0.64
1.02
0.025
0.040
L2
0.89
1.27
0.035
0.050
L3
1.15
1.52
0.040
0.060
ECN: T11-0110-Rev. L, 18-Apr-11
DWG: 5347


Similar Part No. - SUD23N06-31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD23N06-31 VISHAY-SUD23N06-31 Datasheet
123Kb / 7P
   N-Channel 60-V (D-S), MOSFET
Rev. A, 25-Aug-08
logo
Vishay Telefunken
SUD23N06-31 TFUNK-SUD23N06-31 Datasheet
157Kb / 9P
   N-Channel 60 V (D-S), MOSFET
logo
Inchange Semiconductor ...
SUD23N06-31 ISC-SUD23N06-31 Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
SUD23N06-31 DOINGTER-SUD23N06-31 Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SUD23N06-31 VBSEMI-SUD23N06-31 Datasheet
795Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SUD23N06-31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com