Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD17N25-165 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUD17N25-165
Description  N-Channel 250 V (D-S) 175 Celsius MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD17N25-165 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUD17N25-165 Datasheet HTML 1Page - Vishay Siliconix SUD17N25-165 Datasheet HTML 2Page - Vishay Siliconix SUD17N25-165 Datasheet HTML 3Page - Vishay Siliconix SUD17N25-165 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 72935
www.vishay.com
S11-0226-Rev. C, 14-Feb-11
1
N-Channel 250 V (D-S) 175 °C MOSFET
SPICE Device Model SUD17N25-165
Vishay Siliconix
DESCRIPTION
The attached SPICE model describes the typical electrical
characteristics of the n-channel vertical DMOS. The
subcircuit model is extracted and optimized over the - 55 °C
to + 125 °C temperature ranges under the pulsed 0 V to
10 V gate drive. The saturated output impedance is best fit
at the gate bias near the threshold voltage. A novel
gate-to-drain feedback capacitance network is used to
model the gate charge characteristics while avoiding
convergence difficulties of the switched Cgd model. All
model parameter values are optimized to provide a best fit
to the measured electrical data and are not intended as an
exact physical interpretation of the device.
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
•Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the - 55 °C to + 125 °C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse
Recovery Characteristics
SUBCIRCUIT MODEL SCHEMATIC
Note
This document is intended as a SPICE modeling guideline and does not constitute a commercial product datasheet. Designers should refer to
the appropriate datasheet of the same number for guaranteed specification limits.
D
S
DBD
CGS
M1
G
3
R1
M2
Gx
RG
CGD
Gy
ETCV
+


Similar Part No. - SUD17N25-165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD17N25-165 VISHAY-SUD17N25-165 Datasheet
51Kb / 4P
   N-Channel 250-V (D-S) 175C MOSFET
Rev. A, 29-Mar-04
SUD17N25-165 VISHAY-SUD17N25-165 Datasheet
92Kb / 5P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 06-Aug-07
SUD17N25-165-E3 VISHAY-SUD17N25-165-E3 Datasheet
92Kb / 5P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 06-Aug-07
SUD17N25-165 VISHAY-SUD17N25-165_08 Datasheet
92Kb / 5P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 06-Aug-07
More results

Similar Description - SUD17N25-165

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP40N25-60 VISHAY-SUP40N25-60_07 Datasheet
199Kb / 4P
   N-Channel 250-V (D-S) 175 Celsius MOSFET
Rev. B, 23-Jul-07
SUP28N15-52 VISHAY-SUP28N15-52_07 Datasheet
201Kb / 4P
   N-Channel 150-V (D-S) 175 Celsius MOSFET
Rev. B, 30-Jul-07
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
Rev. B, 11-Feb-08
SQM18N33-160H VISHAY-SQM18N33-160H Datasheet
175Kb / 9P
   N-Channel 330 V (D-S) 175 Celsius MOSFET
Rev. B, 09-Aug-10
SUM110N03-04P VISHAY-SUM110N03-04P Datasheet
187Kb / 4P
   N-Channel 30-V (D-S) 175 Celsius MOSFET
09-Jun-04
SUP90P06-09L VISHAY-SUP90P06-09L_06 Datasheet
203Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 02-Jan-06
SUM110P06-08L VISHAY-SUM110P06-08L_06 Datasheet
200Kb / 4P
   P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 01-May-06
SQJ500EP VISHAY-SQJ500EP Datasheet
157Kb / 12P
   Automotive N- and P-Channel 40 V (D-S) 175 Celsius MOSFET
Rev. A, 29-Aug-11
SI4948BEY VISHAY-SI4948BEY_05 Datasheet
209Kb / 4P
   Dual P-Channel 60-V (D-S) 175 Celsius MOSFET
Rev. B, 21-Nov-05
SUM18N25-165 VISHAY-SUM18N25-165_08 Datasheet
110Kb / 6P
   N-Channel 250-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com