Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY58-03W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BBY58-03W
Description  Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY58-03W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BBY58-03W Datasheet HTML 1Page - Siemens Semiconductor Group BBY58-03W Datasheet HTML 2Page - Siemens Semiconductor Group BBY58-03W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BBY 58-03W
Semiconductor Group
Au -03-1998
3
Temperature coefficient of the diode
capacitance
TCc = f (VR)
0.0 0.5
1.0 1.5
2.0 2.5 3.0
3.5 4.0
V
5.0
VR
-4
10
-3
10
-2
10
1/°C
TCc
Diode capacitance
CT = f (VR)
f = 1MHz
0.0
0.5 1.0
1.5 2.0
2.5 3.0
3.5 4.0
V
5.0
VR
0
4
8
12
16
20
24
pF
32
CT
Normalized diode capacitance
C(TA) / C(25°C)= f (TA)
f = 1MHz, VR = Parameter
-30
-10
10
30
50
70
°C
100
TA
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
-
1.04
CTA
/
C25°C
1V
4V
Semiconductor Group
3
1998-11-01


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn