Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BBY58-03W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BBY58-03W
Description  Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY58-03W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BBY58-03W Datasheet HTML 1Page - Siemens Semiconductor Group BBY58-03W Datasheet HTML 2Page - Siemens Semiconductor Group BBY58-03W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BBY 58-03W
Semiconductor Group
Au -03-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 8 V
IR
-
-
1
nA
Reverse current
VR = 8 V, TA = 65 °C
IR
-
-
100
AC characteristics
pF
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
17.5
-
-
5.5
19.3
-
-
6.6
18.3
12.35
8.6
6
CT
Capacitance ratio
VR = 1 V, VR = 3 V, f = 1 MHz
CT1/CT3
2.15
-
-
-
Capacitance ratio
VR = 1 V, VR = 4 V, f = 1 MHz
CT1/CT4
3.05
3.3
2.8
Series resistance
VR = 1 V, f = 470 MHz
-
rs
-
0.25
Case capacitance
f = 1 MHz
0.09
pF
-
-
CC
nH
Series inductance chip to ground
Ls
-
0.6
-
Semiconductor Group
2
1998-11-01


Similar Part No. - BBY58-03W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58-03W INFINEON-BBY58-03W Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
BBY58-03W INFINEON-BBY58-03W Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
More results

Similar Description - BBY58-03W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BBY57-03W SIEMENS-BBY57-03W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY58-02W SIEMENS-BBY58-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY56-03W SIEMENS-BBY56-03W Datasheet
13Kb / 2P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY55-02W SIEMENS-BBY55-02W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY55-03W SIEMENS-BBY55-03W Datasheet
12Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY56-02W SIEMENS-BBY56-02W Datasheet
13Kb / 2P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
BBY57-02W SIEMENS-BBY57-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance High capacitance ratio)
BBY51-02W SIEMENS-BBY51-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Low series inductance)
BBY52-02W SIEMENS-BBY52-02W Datasheet
13Kb / 3P
   Silicon Tuning Diode (High Q hyperband tuning diode Low series inductance)
BBY51-03W SIEMENS-BBY51-03W Datasheet
26Kb / 3P
   Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com