Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY58-02W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BBY58-02W
Description  Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY58-02W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BBY58-02W Datasheet HTML 1Page - Siemens Semiconductor Group BBY58-02W Datasheet HTML 2Page - Siemens Semiconductor Group BBY58-02W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BBY 58-02W
Semiconductor Group
Jul-30-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 8 V
IR
-
-
1
nA
Reverse current
VR = 8 V, TA = 65 °C
IR
-
-
100
AC characteristics
pF
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
17.5
-
-
5.5
19.3
-
-
6.6
18.3
12.35
8.6
6
CT
Capacitance ratio
VR = 1 V, VR = 3 V, f = 1 MHz
CT1/CT3
2.15
-
-
-
Capacitance ratio
VR = 1 V, VR = 4 V, f = 1 MHz
CT1/CT4
3.05
3.3
2.8
Series resistance
VR = 1 V, f = 470 MHz
-
rs
-
0.25
Case capacitance
f = 1 MHz
0.09
pF
-
-
CC
nH
Series inductance chip to ground
Ls
-
0.6
-
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn