Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54620RGYR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54620RGYR
Description  4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54620RGYR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54620RGYR Datasheet HTML 18Page - Texas Instruments TPS54620RGYR Datasheet HTML 19Page - Texas Instruments TPS54620RGYR Datasheet HTML 20Page - Texas Instruments TPS54620RGYR Datasheet HTML 21Page - Texas Instruments TPS54620RGYR Datasheet HTML 22Page - Texas Instruments TPS54620RGYR Datasheet HTML 23Page - Texas Instruments TPS54620RGYR Datasheet HTML 24Page - Texas Instruments TPS54620RGYR Datasheet HTML 25Page - Texas Instruments TPS54620RGYR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
f
-
=
×
×
×
Vinm ax
Vout
Vout
L1
Io Kind
Vinm ax
sw
f
-
=
×
×
Vinmax
Vout
Vout
Iripple
L1
Vinmax
sw
(
)
2
2
1
12
f
æ
ö
×
-
=
+
× ç
÷
ç
÷
×
×
è
ø
o
V
Vinmax Vo
ILrms
Io
Vinmax L1
sw
2
=
+
Iripple
ILpeak
Iout
2
f
× D
>
× D
Iout
Co
sw
Vout
1
1
8 f
>
×
×
Co
Voripple
sw
Iripple
TPS54620
SLVS949C
– MAY 2009 – REVISED MAY 2011
www.ti.com
(18)
For this design example, use KIND = 0.3 and the inductor value is calculated to be 3.08
µH. For this design, a
nearest standard value was chosen: 3.3
µH. For the output filter inductor, it is important that the RMS current
and saturation current ratings not be exceeded. The RMS and peak inductor current can be found from
Equation 20 and Equation 21.
(19)
(20)
(21)
For this design, the RMS inductor current is 6.02 A and the peak inductor current is 6.84 A. The chosen inductor
is a Coilcraft MSS1048 series 3.3
µH. It has a saturation current rating of 7.38 A and a RMS current rating of
7.22 A.
The current flowing through the inductor is the inductor ripple current plus the output current. During power up,
faults or transient load conditions, the inductor current can increase above the calculated peak inductor current
level calculated above. In transient conditions, the inductor current can increase up to the switch current limit of
the device. For this reason, the most conservative approach is to specify an inductor with a saturation current
rating equal to or greater than the switch current limit rather than the peak inductor current.
Output Capacitor Selection
There are three primary considerations for selecting the value of the output capacitor. The output capacitor
determines the modulator pole, the output voltage ripple, and how the regulator responds to a large change in
load current. The output capacitance needs to be selected based on the more stringent of these three criteria
The desired response to a large change in the load current is the first criteria. The output capacitor needs to
supply the load with current when the regulator can not. This situation would occur if there are desired hold-up
times for the regulator where the output capacitor must hold the output voltage above a certain level for a
specified amount of time after the input power is removed. The regulator is also temporarily not able to supply
sufficient output current if there is a large, fast increase in the current needs of the load such as a transition from
no load to full load. The regulator usually needs two or more clock cycles for the control loop to see the change
in load current and output voltage and adjust the duty cycle to react to the change. The output capacitor must be
sized to supply the extra current to the load until the control loop responds to the load change. The output
capacitance must be large enough to supply the difference in current for 2 clock cycles while only allowing a
tolerable amount of droop in the output voltage. Equation 22 shows the minimum output capacitance necessary
to accomplish this.
(22)
Where
ΔIout is the change in output current, Fsw is the regulators switching frequency and ΔVout is the
allowable change in the output voltage. For this example, the transient load response is specified as a 5%
change in Vout for a load step of 1A. For this example,
ΔIout = 1.0 A and ΔVout = 0.05 x 3.3 = 0.165 V. Using
these numbers gives a minimum capacitance of 25
μF. This value does not take the ESR of the output capacitor
into account in the output voltage change. For ceramic capacitors, the ESR is usually small enough to ignore in
this calculation.
Equation 23 calculates the minimum output capacitance needed to meet the output voltage ripple specification.
Where fsw is the switching frequency, Vripple is the maximum allowable output voltage ripple, and Iripple is the
inductor ripple current. In this case, the maximum output voltage ripple is 33mV. Under this requirement,
Equation 23 yields 13.2
µF.
(23)
22
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TPS54620RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620RGYR TI-TPS54620RGYR Datasheet
1Mb / 39P
[Old version datasheet]   17V Input, 6A Output, Synchronous Step Down Switcher With Integrated FET in 3.5mm x 3.5mm Package(SWIFT??
TPS54620RGYR TI1-TPS54620RGYR Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS54620RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com