Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMOMAPL138B Datasheet(PDF) 75 Page - Texas Instruments

Part # SMOMAPL138B
Description  SMOMAPL138B Low-Power Applications Processor
Download  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMOMAPL138B Datasheet(HTML) 75 Page - Texas Instruments

Back Button SMOMAPL138B Datasheet HTML 71Page - Texas Instruments SMOMAPL138B Datasheet HTML 72Page - Texas Instruments SMOMAPL138B Datasheet HTML 73Page - Texas Instruments SMOMAPL138B Datasheet HTML 74Page - Texas Instruments SMOMAPL138B Datasheet HTML 75Page - Texas Instruments SMOMAPL138B Datasheet HTML 76Page - Texas Instruments SMOMAPL138B Datasheet HTML 77Page - Texas Instruments SMOMAPL138B Datasheet HTML 78Page - Texas Instruments SMOMAPL138B Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 281 page
background image
SMOMAPL138B-HiRel
www.ti.com
SLVSAQ9 – JANUARY 2011
Table 3-1. System Configuration (SYSCFG) Module Register Access (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
REGISTER ACCESS
0x01C1 4170
SUSPSRC
Suspend Source Register
Privileged mode
0x01C1 4174
CHIPSIG
Chip Signal Register
0x01C1 4178
CHIPSIG_CLR
Chip Signal Clear Register
0x01C1 417C
CFGCHIP0
Chip Configuration 0 Register
Privileged mode
0x01C1 4180
CFGCHIP1
Chip Configuration 1 Register
Privileged mode
0x01C1 4184
CFGCHIP2
Chip Configuration 2 Register
Privileged mode
0x01C1 4188
CFGCHIP3
Chip Configuration 3 Register
Privileged mode
0x01C1 418C
CFGCHIP4
Chip Configuration 4 Register
Privileged mode
0x01E2 C000
VTPIO_CTL
VTPIO COntrol Register
Privileged mode
0x01E2 C004
DDR_SLEW
DDR Slew Register
Privileged mode
0x01E2 C008
DeepSleep
DeepSleep Register
Privileged mode
0x01E2 C00C
PUPD_ENA
Pullup / Pulldown Enable Register
Privileged mode
0x01E2 C010
PUPD_SEL
Pullup / Pulldown Selection Register
Privileged mode
0x01E2 C014
RXACTIVE
RXACTIVE Control Register
Privileged mode
0x01E2 C018
PWRDN
PWRDN Control Register
Privileged mode
Copyright © 2011, Texas Instruments Incorporated
Device Configuration
75
Submit Documentation Feedback
Product Folder Link(s): SMOMAPL138B-HiRel


Similar Part No. - SMOMAPL138B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMOMAPL138B-HIREL TI1-SMOMAPL138B-HIREL Datasheet
1Mb / 282P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
SMOMAPL138BGWTA3R TI1-SMOMAPL138BGWTA3R Datasheet
1Mb / 282P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
More results

Similar Description - SMOMAPL138B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMOMAPL138B-HIREL TI1-SMOMAPL138B-HIREL Datasheet
1Mb / 282P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_1 Datasheet
71Kb / 7P
[Old version datasheet]   Low-Power Applications Processor Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com